Electronic Components Datasheet Search
Selected language     English  ▼


W005 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part No. W005
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GULFSEMI [Gulf Semiconductor]
Homepage  http://www.gulfsemi.com
Logo 

   
 1 page
background image
Rev.A5
www.gulfsemi.com
W005 THRU W10
SINGLE PHASE SILICON
BRIDGE RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.5A
FEATURE
WOB
Ideal for printed circuit board
Surge overload rating:50 A peak
High case dielectric strength
MECHANICAL DATA
Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
Case:UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
W
005
W
01
W
02
W
04
W
06
W
08
W
10
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at Ta =50
°C
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Instantaneous Forward Voltage at
forward current 1.5A DC
Vf
1.0
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
10.0
1.0
µA
mA
Operating Temperature Range
Tj
-55 to +125
°C
Storage and Operation Junction Temperature
Tstg
-55 to +150
°C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl