Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5359 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5359
Description  Gate Driver for Notebook Power Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5359 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP5359 Datasheet HTML 1Page - ON Semiconductor NCP5359 Datasheet HTML 2Page - ON Semiconductor NCP5359 Datasheet HTML 3Page - ON Semiconductor NCP5359 Datasheet HTML 4Page - ON Semiconductor NCP5359 Datasheet HTML 5Page - ON Semiconductor NCP5359 Datasheet HTML 6Page - ON Semiconductor NCP5359 Datasheet HTML 7Page - ON Semiconductor NCP5359 Datasheet HTML 8Page - ON Semiconductor NCP5359 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP5359
http://onsemi.com
7
APPLICATION INFORMATION
The NCP5359 gate driver is a single phase MOSFET
driver designed for driving two N−channel MOSFETs in a
synchronous buck converter topology. This driver is
compatible with the NCP3418B gate drive. This gate drives
operation is similar with the NCP3418B, but has two
additional new features: Bidirection fault detection and
multilevel PWM input. When the gate driver works with
ON Semiconductor’s NCP5392 controller, it can provide a
difference output logic status through multi−level PWM
input. For this new feature, higher efficiency can be
provided. For the bidirection fault detection function, it is
used to provide a driver state information to other gate
drivers and controller in a multiphase buck converter. e.g
overvoltage protection (OVP) function at startup, thermal
shutdown and undervoltage lockout (UVLO). This feature
can provide an additional protection function for the
multi−phase system when the fault condition occurs in one
channel. With this additional feature, converter overall
system will be more reliable and safe.
Enable Pin
The bidirection enable pin is connected with an open drain
MOSFET. This pin is controlled by internal or external
signal. There are three conditions will be triggered:
1. The voltage at SWN pin is higher than preset
voltage at power startup.
2. The controller hits the UVLO at VCC pin.
3. The controller hits the thermal shutdown.
When the internal fault has been detected, EN pin will be
pull low. In this case, the drive output DRVH and DRVL will
be forced low, until the fault mode remove then restart
automatic.
Undervoltage Lockout
The DRVH and DRVL are held low until VCC reaches 9 V
during startup. The PWM signals will control the gate status
when VCC threshold is exceeded. If VCC decreases to 3.2 V
below the threshold, the output gate will be forced low until
input voltage VCC rises above the startup threshold.
Power ON reset
Power on reset feature is used to protect a gate driver avoid
abnormal status driving the startup condition. When the
initial soft−start voltage is higher than 3.2 V, the gate driver
will monitor the switching node SW pin. If SW pin high than
1.9 V, bottom gate will be force to high for discharge the
output capacitor. The fault mode will be latch and EN pin
will force to be low, unless the driver is recycle. When input
voltage is higher than 9 V, the gate driver will normal
operation, top gate driver DRVH and bottom gate driver will
follow the PWM signal decode to a status.
Adaptive Nonoverlap
The nonoverlap dead time control is used to avoid the
shoot through damage the power MOSFETs. When the
PWM signal pull high, DRVL will go low after a
propagation delay, the controller will monitors the switching
node (SWN) pin voltage and the gate voltage of the
MOSFET to know the status of the MOSFET. When the low
side MOSFET status is off an internal timer will delay turn
on of the high–side MOSFET. When the PWM pull low, gate
DRVH will go low after the propagation delay (tpd DRVH).
The time to turn off the high side MOSFET is depending on
the total gate charge of the high−side MOSFET. A timer will
be triggered once the high side MOSFET is turn off to delay
the turn on the low−side MOSFET.
Layout Guidelines
Layout is very important thing for design a DC−DC
converter. Bootstrap capacitor and VCC capacitor are most
critical items, it should be placed as close as to the driver IC.
Another item is using a GND plane. Ground plane can
provide a good return path for gate drives for reducing the
ground noise. Therefore GND pin should be directly
connected to the ground plane and close to the low−side
MOSFET source pin. Also, the gate drive trace should be
considered. The gate drives has a high di/dt when switching,
therefore a minimized gate drives trace can reduce the di/dv,
raise and fall time for reduce the switching loss.


Similar Part No. - NCP5359

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359ADR2G ONSEMI-NCP5359ADR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNR2G ONSEMI-NCP5359AMNR2G Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5359AMNTBG ONSEMI-NCP5359AMNTBG Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
More results

Similar Description - NCP5359

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5359A ONSEMI-NCP5359A Datasheet
151Kb / 9P
   Gate Driver for Notebook Power Systems
June, 2009 ??Rev. 0
NCP5358 ONSEMI-NCP5358 Datasheet
131Kb / 10P
   Gate Driver for Desktop Power Systems
December, 2008 ??Rev. 0
logo
Winbond
PC97551 WINBOND-PC97551 Datasheet
268Kb / 6P
   Embedded Controller for Notebook Systems
February 2006 Revision 1.1
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Semtech Corporation
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
NEC
UPD161644 NEC-UPD161644 Datasheet
655Kb / 51P
   241 OUTPUT GATE DRIVER WITH POWER SUPPLY FOR TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com