Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5378 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5378
Description  Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5378 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5378 Datasheet HTML 4Page - ON Semiconductor NCP5378 Datasheet HTML 5Page - ON Semiconductor NCP5378 Datasheet HTML 6Page - ON Semiconductor NCP5378 Datasheet HTML 7Page - ON Semiconductor NCP5378 Datasheet HTML 8Page - ON Semiconductor NCP5378 Datasheet HTML 9Page - ON Semiconductor NCP5378 Datasheet HTML 10Page - ON Semiconductor NCP5378 Datasheet HTML 11Page - ON Semiconductor NCP5378 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP5378
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
0°C < TA < 70°C; 0°C < TJ < 125°C; 4.75 < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF unless otherwise noted.
Parameter
Unit
Max
Typ
Min
Test Conditions
DAC OUTPUT
Output Source Current
Vout = 1.6 V
0
5.0
mA
Output Sink Current
Vout = 0.3 V
5.0
16
mA
VID INPUTS
Threshold
450
600
770
mV
VR11 Mode Leakage
−100
100
nA
Delay before Latching VID Change
(VID Deskewing) (Note 3)
Measured from the edge of the 1st VID
change
200
300
ns
DIGITAL DAC SLEW RATE LIMITER
Slew Rate Limit
12.5
16
mV/ms
Soft−Start Slew Rate
0.84
mV/ms
INPUT SUPPLY CURRENT
VCC Quiescent Current
EN Low, No PWM
10
30
mA
VCCP SUPPLY VOLTAGE
VCCP UVLO Start Threshold
8.2
9.0
9.5
V
VCCP UVLO Stop Threshold
7.2
8.0
8.5
V
VCCP UVLO Hysteresis
1.0
V
VCCP POR
Voltage at which the Driver OVP
becomes active
3.0
3.2
BOOST PIN UVLO
BOOST UVLO Start Threshold (Note 3)
3.15
4.15
V
BOOST UVLO Stop Threshold (Note 3)
3.0
3.85
V
BOOST UVLO Hysteresis (Note 3)
50
200
mV
STARTUP HIGH SIDE SHORT TRIP (Active only during 1st power on)
Vswx Output Overvoltage Trip Threshold at
Startup
Power Startup time, VCC > 9 V
1.7
2.03
V
HIGH SIDE DRIVER
RH_TG Output Resistance, Sourcing
VBST − VSW = 12 V
1.8
W
RH_TG Output Resistance, Sinking
VBST − VSW = 12 V
1.0
TrDRVH Transition Time
CLOAD = 3 nF, VBST − VSW = 12 V
25
ns
TfDRVH Transition Time
CLOAD = 3 nF, VBST − VSW = 12 V
20
ns
TpdhDRVH Propagation Delay (Note 4)
Driving High, CLOAD = 3.3 nF,
VCCP = 12 V
15
ns
LOW SIDE DRIVER
RH_BG Output Resistance, Sourcing
SW = GND
1.6
W
RL_BG Output Resistance, Sinking
SW = VCC
1.0
W
TrDRVL Transition Time
CLOAD = 3 nF
20
ns
TfDRVL Transition Time
CLOAD = 3 nF
20
ns
TpdhDRVL Propagation Delay (Note 4)
Driving High, CLOAD = 3.3 nF,
VCCP = 12 V
20
ns
VNCDT Negative Current Detector Threshold
(Note 3)
−4.0
mV
3. Guaranteed by design.
4. For propagation delays, “tpdh” refers to the specified signal going high “tpdl” refers to it going low. Reference Gate Timing Diagram.


Similar Part No. - NCP5378

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
More results

Similar Description - NCP5378

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP81278 ONSEMI-NCP81278 Datasheet
199Kb / 13P
   Compact 2-Phase Synchronous Buck Controller with Integrated Gate Drivers and PWM VID Interface
May, 2016 ??Rev. 3
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com