Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5387 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5387
Description  2/3/4 Phase Controller for CPU Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5387 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5387 Datasheet HTML 1Page - ON Semiconductor NCP5387 Datasheet HTML 2Page - ON Semiconductor NCP5387 Datasheet HTML 3Page - ON Semiconductor NCP5387 Datasheet HTML 4Page - ON Semiconductor NCP5387 Datasheet HTML 5Page - ON Semiconductor NCP5387 Datasheet HTML 6Page - ON Semiconductor NCP5387 Datasheet HTML 7Page - ON Semiconductor NCP5387 Datasheet HTML 8Page - ON Semiconductor NCP5387 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
NCP5387
http://onsemi.com
4
VID0
VCC
2
VID1
3
VID2
4
VID3
5
VID4
6
VID5
7
VID6
8
VID7
9
VR10/11
10
EN
1
VR_RDY
37
VR_HOT
40
VR_FAN
39
VS−
16
VS+
15
GND
12VMON
VREF
NTC
VID0
VID1
VID2
VID3
VID4
VID5
VID6
VID7
VID_SEL
VR_FAN
VR_HOT
VR_RDY
VR_EN
VTT
680
W PULLUPS
36
RVCC
CVCC1
+5 V
41
35
34 RNTC1
RT1
38
30
VCC
4
BST
1
DRVH
8
SW
7
DRVL
5
PGND
6
OD
3
IN
2
C1
C3
C4
12 V_FILTER
L1
R2
C2
RS1
CS1
CS1
CS1N
22
21
12 V_FILTER
NCP3418B
VCC
4
BST
1
DRVH
8
SW
7
DRVL
5
PGND
6
OD
3
IN
2
12 V_FILTER
12 V_FILTER
VCC
4
BST
1
DRVH
8
SW
7
DRVL
5
PGND
6
OD
3
IN
2
12 V_FILTER
12 V_FILTER
NTD60N02RT4
31
CS2
CS2N
24
23
32
CS3
CS3N
26
25
33
CS4
CS4N
28
27
DRVON
29
SS
ROSC
COMP
+
DIFFOUT
17
RT2
RISO2
CFB1
RFB1
RFB
VFB
19
RDRP
VDRP
20
CD1
RD1
ILIM
18
CF
RF
CH
CSS
11
12
RLIM1
13
RLIM2
VCCP
VSSP
Figure 2. Application Schematic for Three Phases
NTD85N02RT4
CPU GND
NCP5387
RT2 LOCATED NEAR OUTPUT INDUCTORS
D1
BAT54HT1
G1
G2
G3
G4
RISO1
RNTC2
RVFB


Similar Part No. - NCP5387

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5387

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com