Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6416RTWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6416RTWR
Description  LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6416RTWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA6416RTWR Datasheet HTML 4Page - Texas Instruments TCA6416RTWR Datasheet HTML 5Page - Texas Instruments TCA6416RTWR Datasheet HTML 6Page - Texas Instruments TCA6416RTWR Datasheet HTML 7Page - Texas Instruments TCA6416RTWR Datasheet HTML 8Page - Texas Instruments TCA6416RTWR Datasheet HTML 9Page - Texas Instruments TCA6416RTWR Datasheet HTML 10Page - Texas Instruments TCA6416RTWR Datasheet HTML 11Page - Texas Instruments TCA6416RTWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Device Address
0
Slave Address
1
0
0
0
0
AD
DR R/W
Fixed
Programmable
Control Register and Command Byte
B2
B1
B0
B5
B4
B3
B7
B6
TCA6416
SCPS153A – DECEMBER 2007 – REVISED FEBRUARY 2009 ........................................................................................................................................ www.ti.com
Interface Definition
BIT
BYTE
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C slave address
L
H
L
L
L
L
ADDR
R/W
P07
P06
P05
P04
P03
P02
P01
P00
I/O data bus
P17
P16
P15
P14
P13
P12
P11
P10
The address of the TCA6416 is shown in Figure 4.
Figure 4. TCA6416 Address
Address Reference
ADDR
I2C BUS SLAVE ADDRESS
L
32 (decimal), 20 (hexadecimal)
H
33 (decimal), 21 (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. A high (1) selects a read
operation, while a low (0) selects a write operation.
Following the successful acknowledgment of the address byte, the bus master sends a command byte, which is
stored in the control register in the TCA6416. Three bits of this data byte state the operation (read or write) and
the internal registers (input, output, polarity inversion, or configuration) that will be affected. This register can be
written or read through the I2C bus. The command byte is sent only during a write transmission.
Once a new command has been sent, the register that was addressed continues to be accessed by reads until a
new command byte has been sent.
Figure 5. Control Register Bits
Command Byte
CONTROL REGISTER BITS
COMMAND BYTE
POWER-UP
REGISTER
PROTOCOL
(HEX)
DEFAULT
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
00
Input Port 0
Read byte
xxxx xxxx(1)
0
0
0
0
0
0
0
1
01
Input Port 1
Read byte
xxxx xxxx
0
0
0
0
0
0
1
0
02
Output Port 0
Read/write byte
1111 1111
0
0
0
0
0
0
1
1
03
Output Port 1
Read/write byte
1111 1111
0
0
0
0
0
1
0
0
04
Polarity Inversion Port 0
Read/write byte
0000 0000
0
0
0
0
0
1
0
1
05
Polarity Inversion Port 1
Read/write byte
0000 0000
0
0
0
0
0
1
1
0
06
Configuration Port 0
Read/write byte
1111 1111
0
0
0
0
0
1
1
1
07
Configuration Port 1
Read/write byte
1111 1111
(1)
Undefined
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6416


Similar Part No. - TCA6416RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416RTWR TI-TCA6416RTWR Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6416RTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com