Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH125PWE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH125PWE4
Description  3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH125PWE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVTH125PWE4 Datasheet HTML 1Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 2Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 3Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 4Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 5Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 6Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 7Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 8Page - Texas Instruments SN74LVTH125PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54LVTH125, SN74LVTH125
3.3V ABT QUADRUPLE BUS BUFFERS
WITH 3STATE OUTPUTS
SCBS703I − AUGUST 1997 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVTH125
SN74LVTH125
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
−1.2
V
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC−0.2
VCC−0.2
VOH
VCC = 2.7 V,
IOH = −8 mA
2.4
2.4
V
VOH
VCC = 3 V
IOH = −24 mA
2
V
VCC = 3 V
IOH = −32 mA
2
VCC = 2.7 V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
VOL
IOL = 16 mA
0.4
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
0.5
V
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
Control
inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
µA
II
Data inputs
VCC = 3.6 V
VI = VCC
1
1
µA
Data inputs
VCC = 3.6 V
VI = 0
−5
−5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC = 3 V
VI = 0.8 V
75
75
II(hold) Data inputs
VCC = 3 V
VI = 2 V
−75
−75
µA
II(hold) Data inputs
VCC = 3.6 V‡,
VI = 0 to 3.6 V
±500
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−5
−5
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
OE = don’t care
±50∗
±50
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
OE = don’t care
±50∗
±50
µA
VCC = 3.6 V,
Outputs high
0.12
0.19
0.12
0.19
ICC
VCC = 3.6 V,
IO = 0,
V = V
or GND
Outputs low
4.5
7
4.5
7
mA
ICC
IO = 0,
VI = VCC or GND
Outputs disabled
0.12
0.19
0.12
0.19
mA
∆ICC§
VCC = 3 V to 3.6 V, One input at VCC − 0.6 V,
Other inputs at VCC or GND
0.3
0.2
mA
Ci
VI = 3 V or 0
4
4
pF
Co
VO = 3 V or 0
6.5
6.5
pF
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH125PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH125PWE4 TI-SN74LVTH125PWE4 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH125PWE4 TI-SN74LVTH125PWE4 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH125PWE4 TI-SN74LVTH125PWE4 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH125PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH126 TI-SN54LVTH126 Datasheet
506Kb / 16P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVT125 TI-SN74LVT125_06 Datasheet
276Kb / 12P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126PWE4 TI-SN74LVTH126PWE4 Datasheet
707Kb / 18P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUT
SN74LVT125-Q1 TI1-SN74LVT125-Q1 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
SN74LVTH125-EP TI1-SN74LVTH125-EP Datasheet
431Kb / 9P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com