Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5623 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5623
Description  Triple Output I2C Controlled RGB LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5623 Datasheet HTML 2Page - ON Semiconductor NCP5623 Datasheet HTML 3Page - ON Semiconductor NCP5623 Datasheet HTML 4Page - ON Semiconductor NCP5623 Datasheet HTML 5Page - ON Semiconductor NCP5623 Datasheet HTML 6Page - ON Semiconductor NCP5623 Datasheet HTML 7Page - ON Semiconductor NCP5623 Datasheet HTML 8Page - ON Semiconductor NCP5623 Datasheet HTML 9Page - ON Semiconductor NCP5623 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP5623
http://onsemi.com
9
Figure 5. Output Current Programmed Value ( ILED = F(Step) )
Step
35
25
20
15
10
5
0
0
15
30
30
10
25
5
20
PWM OPERATION
The built−in PWM are fully independent and can be
programmed to any value during the normal operation of the
NCP5623 chip. The PWM operate with five bits, yielding a
32 steps range to cover the full modulation (0 to 100%) of
the associated LED:
− PWM = $00
³ the associated LED is fully OFF,
whatever be the programmed ILED value
− PWM > $00 but < $1F
³ the brightness of the
associated LED is set depending upon the PWM
modulation value
− PWM = $1F
³ the associated LED is fully ON, the
current being the one defined by the ILED value.
Each PWM is programmable, via the I2C port as depicted,
at any time under any sequence arrangement as requested by
the end system’s designer. The PWM does not change the
ILED value, but merely modulate the ON/OFF ratio of the
associated LED. Each step of the PWM represent 100/31 =
3.225% of the full range, the clock being 2.1 kHz (typical).
Figure 6. Basic RGB Application
D1
C2
GND
C1
GND
SDA
R1
62 k
GND
SCL
+Vbat
+Vcc
MCU
I2C Port
Vdet
12
IREF
10
SDA
9
SCL
11
GND
6
LED3 3
LED2
4
LED1
5
U1
NCP5623
1 mF/6.3 V
1 mF/6.3 V
GND
Vbat
13
GND
2
IC NC NC IC
17
8 14
+5 V
5
2
6
4
3
1
R
G
B
LRTB−G6T


Similar Part No. - NCP5623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
More results

Similar Description - NCP5623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com