Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1530178-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1530178-1
Description  SlimSeal SSL Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1530178-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1530178-1 Datasheet HTML 1Page - Tyco Electronics 1530178-1 Datasheet HTML 2Page - Tyco Electronics 1530178-1 Datasheet HTML 3Page - Tyco Electronics 1530178-1 Datasheet HTML 4Page - Tyco Electronics 1530178-1 Datasheet HTML 5Page - Tyco Electronics 1530178-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIGHTING
APPLICATIONS
emergency
channel/sign
Indoor
street & stadium
commercial
refrigeration
Office
Architectural
digital signage
electricAl
Operating Current : 5 AMPS (18-20 AWG) & 3.5 AMPS (22-24 AWG)
Maximum Operating Voltage : 250 VAC/250 VDC
Dielectric Withstanding Voltage : 1500 VAC
mecHAnicAl
Number of positions : 2, 3 and 4
Operating Temperature : -40°C to 105°C
Seal Rating : IP67
Durability : 30 mating cycles
mAteriAls
Housings : UL 94 V0 rated high temperature resistant thermoplastic
Receptacle Contacts : Tin Plated Copper Alloy
Tab Contacts : Tin Plated Brass
Integral Seals : Silicone Rubber
stAndArds And specificAtions
UL 1977, CSA C22.2 No. 182.3
TE Application Specification : 114-13261
TE Product Specification : 108-2391
Exposure : UL 746C F1 (suitable for outdoor use, wire-to-wire only)
ApplicAtion toolinG
22-24 AWG Tab and Receptacle Terminals
PART NUMBER
DESCRIPTION
2063956-1
Hand Tool
1530178-2
HDI Applicator-Bench Terminator
1530178-1
HDI Applicator-Leadmaker
18-20 AWG Tab and Receptacle Terminals
PART NUMBER
DESCRIPTION
2063957-1
Hand Tool
1530177-2
HDI Applicator-Bench Terminator
1530177-1
HDI Applicator-Leadmaker
Tyco Electronics | SlimSeal SSL Connector
SlimSeal
SSL Connector


Similar Part No. - 1530178-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15301 ETC2-15301 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
More results

Similar Description - 1530178-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2106391 TEC-C-2106391 Datasheet
410Kb / 3P
   CABLE ASSEMBLY, RECEPTACLE, SLIMSEAL SSL CONNECTOR
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
1-1773896-3 TEC-1-1773896-3 Datasheet
436Kb / 4P
   SLIMSEAL CONNECTOR
logo
Tyco Electronics
2106003-1 MACOM-2106003-1 Datasheet
969Kb / 6P
   IDC SSL Connector
logo
OSRAM GmbH
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
   OSLON SSL 150
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
   OSLON SSL 150
logo
List of Unclassifed Man...
SSL-LX5093XUWC ETC1-SSL-LX5093XUWC Datasheet
53Kb / 1P
   SSL-LX5093XUWC
SSL-LX5093XSIC ETC1-SSL-LX5093XSIC Datasheet
46Kb / 1P
   SSL-LX5093XSIC
SSL-LX3059IGW ETC1-SSL-LX3059IGW Datasheet
50Kb / 1P
   SSL-LX3059IGW
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
   OSLON SSL 150
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com