Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7373IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS7373IPWR
Description  4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7373IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7373IPWR Datasheet HTML 5Page - Texas Instruments THS7373IPWR Datasheet HTML 6Page - Texas Instruments THS7373IPWR Datasheet HTML 7Page - Texas Instruments THS7373IPWR Datasheet HTML 8Page - Texas Instruments THS7373IPWR Datasheet HTML 9Page - Texas Instruments THS7373IPWR Datasheet HTML 10Page - Texas Instruments THS7373IPWR Datasheet HTML 11Page - Texas Instruments THS7373IPWR Datasheet HTML 12Page - Texas Instruments THS7373IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
THS7373
www.ti.com
SBOS506 – DECEMBER 2009
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs: +3.3 V and +5 V
TITLE
FIGURE
Maximum Output Voltage vs Temperature
Figure 2
Minimum Output Voltage vs Temperature
Figure 3
CVBS Channel Output Impedance vs Frequency
Figure 4
CVBS Channel S22 Output Reflection Ratio vs Frequency
Figure 5
HD Channels Output Impedance vs Frequency
Figure 6
HD Channels S22 Output Reflection Ratio vs Frequency
Figure 7
CVBS Channel Disabled Output Impedance vs Frequency
Figure 8
HD Channels Disabled Output Impedance vs Frequency
Figure 9
Input Resistance vs Temperature
Figure 10
Total Quiescent Current vs Temperature
Figure 11
Total Quiescent Current vs Supply Voltage
Figure 12
Table 2. Table of Graphs: 3.3 V, Standard-Definition (CVBS) Channels
TITLE
FIGURE
CVBS Channel Small-Signal Gain vs Frequency
Figure 13, Figure 14, Figure 17
CVBS Channel Large-Signal Gain vs Frequency
Figure 15, Figure 16
CVBS Channel Phase vs Frequency
Figure 18
CVBS Channel Group Delay vs Frequency
Figure 19
CVBS Channel Second-Order Harmonic Distortion vs Frequency
Figure 23
CVBS Channel Third-Order Harmonic Distortion vs Frequency
Figure 24
Crosstalk vs Frequency
Figure 27, Figure 28
CVBS Channel Slew Rate vs Output Voltage
Figure 29
Disable Mode Response vs Time
Figure 30
CVBS Channel Differential Gain
Figure 21
CVBS Channel Differential Phase
Figure 22
CVBS Channel Small-Signal Pulse Response vs Time
Figure 25
CVBS Channel Large-Signal Pulse Response vs Time
Figure 26
CVBS Channel PSRR vs Frequency
Figure 20
Output Offset Voltage vs Temperature
Figure 31
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS7373


Similar Part No. - THS7373IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373IPWR TI-THS7373IPWR Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
More results

Similar Description - THS7373IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
   4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
logo
Texas Instruments
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com