Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C550DI Datasheet(PDF) 8 Page - Texas Instruments

Part # TL16C550DI
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C550DI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C550DI Datasheet HTML 4Page - Texas Instruments TL16C550DI Datasheet HTML 5Page - Texas Instruments TL16C550DI Datasheet HTML 6Page - Texas Instruments TL16C550DI Datasheet HTML 7Page - Texas Instruments TL16C550DI Datasheet HTML 8Page - Texas Instruments TL16C550DI Datasheet HTML 9Page - Texas Instruments TL16C550DI Datasheet HTML 10Page - Texas Instruments TL16C550DI Datasheet HTML 11Page - Texas Instruments TL16C550DI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TL16C550D
,, TL16C550DI
SLLS597E – APRIL 2004 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS (FOR PT/PFB PACKAGES)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A0
28
Register select. A0
−A2 are used during read and write operations to select the ACE register
A1
27
I
to read from or write to. See Table 1 for register addresses, and see the ADS description.
A2
26
Address strobe. When ADS is active (low), A0, A1, and A2 and CS0, CS1, and CS2 drive the
ADS
24
I
internal select logic directly; when ADS is high, the register select and chip select signals are
held at the logic levels they were in when the low-to-high transition of ADS occurred.
Baud out. BAUDOUT is a 16× clock signal for the transmitter section of the ACE. The clock
rate is established by the reference oscillator frequency divided by a divisor specified by the
BAUDOUT
12
O
baud generator divisor latches. BAUDOUT may also be used for the receiver section by tying
this output to RCLK.
CS0
9
Chip select. When CS0 and CS1 are high and CS2 is low, these three inputs select the ACE.
CS1
10
I
When any of these inputs are inactive, the ACE remains inactive (see the ADS description).
CS2
11
Clear to send. CTS is a modem status signal. Its condition can be checked by reading bit 4
(CTS) of the modem status register. Bit 0 (
ΔCTS) of the modem status register indicates that
CTS
38
I
CTS has changed states since the last read from the modem status register. If the modem
status interrupt is enabled when CTS changes levels and the auto-CTS mode is not enabled,
an interrupt is generated. CTS is also used in the auto-CTS mode to control the transmitter.
D0
43
D1
44
D2
45
D3
46
Data bus. Eight data lines with 3-state outputs provide a bidirectional path for data, control,
I/O
D4
47
and status information between the ACE and the CPU.
D5
2
D6
3
D7
4
Data carrier detect. DCD is a modem status signal. Its condition can be checked by reading
bit 7 (DCD) of the modem status register. Bit 3 (
ΔDCD) of the modem status register
DCD
40
I
indicates that DCD has changed states since the last read from the modem status register. If
the modem status interrupt is enabled when DCD changes levels, an interrupt is generated.
Driver disable. DDIS is active (high) when the CPU is not reading data. When active, DDIS
DDIS
22
O
can disable an external transceiver.
Data set ready. DSR is a modem status signal. Its condition can be checked by reading bit 5
(DSR) of the modem status register. Bit 1 (
ΔDSR) of the modem status register indicates
DSR
39
I
DSR has changed levels since the last read from the modem status register. If the modem
status interrupt is enabled when DSR changes levels, an interrupt is generated.
Data terminal ready. When active (low), DTR informs a modem or data set that the ACE is
ready to establish communication. DTR is placed in the active level by setting the DTR bit of
DTR
33
O
the modem control register. DTR is placed in the inactive level either as a result of a master
reset, during loop mode operation, or clearing the DTR bit.
Interrupt. When active (high), INTRPT informs the CPU that the ACE has an interrupt to be
serviced. Four conditions that cause an interrupt to be issued are: a receiver error, received
INTRPT
30
O
data that is available or timed out (FIFO mode only), an empty transmitter holding register, or
an enabled modem status interrupt. INTRPT is reset (deactivated) either when the interrupt
is serviced or as a result of a master reset.
Master reset. When active (high), MR clears most ACE registers and sets the levels of
MR
35
various output signals (see Table 2).
1,6,13,
NC
21, 25, 36,
I
No connection
37, 48
Outputs 1 and 2. These are user-designated output terminals that are set to the active (low)
OUT1
34
level by setting respective modem control register (MCR) bits (OUT1 and OUT2). OUT1 and
O
OUT2
31
OUT2 are set to inactive the (high) level as a result of master reset, during loop mode
operations, or by clearing bit 2 (OUT1) or bit 3 (OUT2) of the MCR.
RCLK
5
I
Receiver clock. RCLK is the 16× baud rate clock for the receiver section of the ACE.
Read inputs. When either RD1 or RD2 is active (low or high, respectively) while the ACE is
RD1
19
selected, the CPU is allowed to read status information or data from a selected ACE register.
I
RD2
20
Only one of these inputs is required for the transfer of data during a read operation; the other
input must be tied to its inactive level (i.e., RD2 tied low or RD1 tied high).
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TL16C550D TL16C550DI


Similar Part No. - TL16C550DI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550DIPFB TI-TL16C550DIPFB Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPFBR TI-TL16C550DIPFBR Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPT TI-TL16C550DIPT Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPTG4 TI-TL16C550DIPTG4 Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPTR TI-TL16C550DIPTR Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Similar Description - TL16C550DI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI1-TL16C550C_12 Datasheet
1,020Kb / 43P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com