Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2412D Datasheet(PDF) 1 Page - Recom International Power

Part # R2412D
Description  EUROLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2412D Datasheet(HTML) 1 Page - Recom International Power

  R2412D Datasheet HTML 1Page - Recom International Power R2412D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EU 22
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxPxx Series, 1 Watt, SIP7, 5.2kVDC Isolation (Dual Output)
Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
5.2kVDC Isolation
Efficiency at Full Load 65% min.
UL 94V-O Package Material
Internal SMD Construction
MTTF up to 1.6 Million Hours
BS EN 60950 Certified
Features
Selection Guide 5V, 9, 12, 15V and 24V input types
Part
Nom. Input
Rated Output
Rated Output
Package
Number
Voltage
Voltage
Current
Style
(VDC)
(VDC)
(mA)
RxxP1.8D
5, 9,12, 15, 24
±1.8
±278
RxxP3.3D
5, 9,12, 15, 24
±3.3
±151
RxxP05D
5, 9,12, 15, 24
±5
±100
SIP7
RxxP09D
5, 9,12, 15, 24
±9
±55
RxxP12D
5, 9,12, 15, 24
±12
±41
RxxP15D
5, 9,12, 15, 24
±15
±33
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2% typ./1% of Vin
Load Voltage Regulation (10% load to rated load)
5V output types
15% max.
other output types
10% max.
Ripple and Noise (20MHz BW)
200mVp-p max.
Efficiency (at full load)
65% min.
Isolation Voltage (flash tested for 1 minute)
5.2kVDC min.
Short Circuit Protection
1s
Operating Temperature Range (all output types)
–40°C to +85°C (see graph)
Storage Temperature Range
–55°C to +130°C
Please contact us, if you need exact parameters for the converter you have selected.
Specifications (measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)


Similar Part No. - R2412D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R24-100A RECOM-R24-100A Datasheet
80Kb / 3P
   5 Watt Single Output
R24-100B RECOM-R24-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
R24-150A RECOM-R24-150A Datasheet
80Kb / 3P
   5 Watt Single Output
R24-150B RECOM-R24-150B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
R24-180S15N RECOM-R24-180S15N Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
More results

Similar Description - R2412D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com