Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS5650 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS5650
Description  2 Amp PLC Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS5650 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS5650 Datasheet HTML 1Page - ON Semiconductor NCS5650 Datasheet HTML 2Page - ON Semiconductor NCS5650 Datasheet HTML 3Page - ON Semiconductor NCS5650 Datasheet HTML 4Page - ON Semiconductor NCS5650 Datasheet HTML 5Page - ON Semiconductor NCS5650 Datasheet HTML 6Page - ON Semiconductor NCS5650 Datasheet HTML 7Page - ON Semiconductor NCS5650 Datasheet HTML 8Page - ON Semiconductor NCS5650 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCS5650
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS VS = 12 V All limits apply over the temperature range, TJ = –40°C to +125°C, unless
otherwise noted. Total supply VS = VCC − VEE.
Parameter
Symbol
Condition
NCS5650
Units
Min
Typ
Max
INPUT OPERATIONAL AMPLIFIER (Op Amp A)
Offset Voltage
Input Offset Voltage
VOS
VCC = +12 V, VEE = 0 V
±3
±10
mV
Offset vs Power Supply
PSRR
VCC = +6 V, VEE = −6 V
25
150
uV/V
Input Bias Current (Note 2)
IB
1
nA
Input Voltage Noise Density
en
f = 1 kHz, VIN = GND,
BW = 131 kHz
250
nV/√Hz
Input Voltage Range
Common−Mode Voltage Range
VCM
VEE
− 0.1
VCC
3
V
Common−Mode Rejection Ratio
CMRR
VEE − 0.1 v VCM v VCC − 3
70
85
dB
Input Impedance
Differential
0.2 | 1.5
GW | pF
Common−Mode
0.2 | 3
GW | pF
Open−Loop Gain (Note 2)
RL = 500 W
80
100
dB
Frequency Response
Gain Bandwidth Product
GBW
80
MHz
Full Power Bandwidth (Note 2)
G = +5, Vout = 11 VPP
200
1.5
MHz
Slew Rate
SR
60
V/ms
Total Harmonic Distortion + Noise
THD+N
G = +1, RL = 500 W, VO = 8 VPP, f =
1 kHz, Cin = 220 mF, Cout = 330 mF
0.015
%
G = +1, RL = 50 W, VO = 8 VPP, f =
100 kHz, Cin = 220 mF, Cout = 330 mF
0.023
Output
Voltage Output Swing from Rail
VCC = +12 V, VEE = 0 V
From Positive Rail
VOH
RL = 500 W to VCC/2
0.3
1
V
From Negative Rail
VOL
RL = 500 W to VCC/2
0.3
1
V
Short−Circuit Current
ISC
280
mA
Output Impedance
Z0
Closed Loop G = +4, f = 100 kHz
0.25
W
Capacitive Load Drive
CLOAD
100
pF
OUTPUT OPERATIONAL AMPLIFIER (Op Amp B)
Offset Voltage
Input Offset Voltage
VOS
VCC = +12 V, VEE = 0 V
± 3
± 10
mV
Offset vs Power Supply
PSRR
VCC = +12 V, VEE = 0 V
25
150
mV/V
Input Bias Current (Note 2)
IB
1
nA
Input Voltage Noise Density
en
f = 1 kHz, VIN = GND,
BW = 131 kHz
125
nV/√Hz
Input Voltage Range
Common−Mode Voltage Range
VCM
VEE
− 0.1
VCC
3
V
Common−Mode Rejection Ratio
CMRR
VEE − 0.1 v VCM v VCC − 3
70
85
dB
2. Guaranteed by characterization or design.
3. Formula accuracy requires a resistor with $1% tolerance.


Similar Part No. - NCS5650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS5651 ONSEMI-NCS5651 Datasheet
221Kb / 11P
   2 Amp PLC Line Driver
January, 2015 ??Rev. P2
NCS5651 ONSEMI-NCS5651 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
NCS5651MNTXG ONSEMI-NCS5651MNTXG Datasheet
221Kb / 11P
   2 Amp PLC Line Driver
January, 2015 ??Rev. P2
NCS5651MNTXG ONSEMI-NCS5651MNTXG Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
NCS5651 ONSEMI-NCS5651_17 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
More results

Similar Description - NCS5650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS5651 ONSEMI-NCS5651_17 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
NCS5651 ONSEMI-NCS5651 Datasheet
221Kb / 11P
   2 Amp PLC Line Driver
January, 2015 ??Rev. P2
logo
Intersil Corporation
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
   PLC MIMO Line Driver
logo
Renesas Technology Corp
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
   PLC MIMO Line Driver
Apr 6, 2018
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Intersil Corporation
ISL15100 INTERSIL-ISL15100 Datasheet
313Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
logo
Renesas Technology Corp
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
   Power Line Communication PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com