Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G00 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUC1G00
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G00 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC1G00_09 Datasheet HTML 1Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 2Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 3Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 4Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 5Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 6Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 7Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 8Page - Texas Instruments SN74AUC1G00_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
3
2
4
5
1
A
V
CC
Y
B
GND
DCKPACKAGE
(TOP VIEW)
DBVPACKAGE
(TOP VIEW)
3
2
4
5
1
A
V
CC
Y
B
GND
Seemechanicaldrawingsfordimensions.
YZP PACKAGE
(BOTTOMVIEW)
A
GND
V
CC
Y
B
1
4
2
3
5
3
2
4
5
1
A
Y
B
GND
DRL PACKAGE
(TOP VIEW)
V
CC
DESCRIPTION
SN74AUC1G00
SINGLE 2-INPUT POSITIVE-NAND GATE
SCES368O – SEPTEMBER 2001 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Low Power Consumption, 10-µA Max I
CC
NanoFree™ Package
• ±8-mA Output Drive at 1.8 V
• Optimized for 1.8-V Operation and Is 3.6-V I/O
• Latch-Up Performance Exceeds 100 mA Per
Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• I
off Supports Partial-Power-Down Mode
2000-V Human-Body Model (A114-A)
Operation
200-V Machine Model (A115-A)
• Sub 1-V Operable
1000-V Charged-Device Model (C101)
• Max t
pd of 2.2 ns at 1.8 V
This single 2-input positive-NAND gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for
1.65-V to 1.95-V VCC operation.
The SN74AUC1G00 performs the Boolean function Y = A
• B or Y = A + B in positive logic.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
For more information about AUC Little Logic devices, please refer to the TI application report, Applications of
Texas Instruments AUC Sub-1-V Little Logic Devices, literature number SCEA027.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74AUC1G00YZPR
_ _ _UA_
0.23-mm Large Bump – YZP (Pb-free)
SOT (SOT-23) – DBV
Reel of 3000
SN74AUC1G00DBVR
U00_
–40
°C to 85°C
SOT (SC-70) – DCK
Reel of 3000
SN74AUC1G00DCKR
UA_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUC1G00DRLR
UA_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC1G00_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G00DBVR TI-SN74AUC1G00DBVR Datasheet
310Kb / 12P
[Old version datasheet]   SINGLE 2 INPUT POSITIVE NAND GATE
SN74AUC1G00DCKR TI-SN74AUC1G00DCKR Datasheet
310Kb / 12P
[Old version datasheet]   SINGLE 2 INPUT POSITIVE NAND GATE
SN74AUC1G00YEAR TI-SN74AUC1G00YEAR Datasheet
310Kb / 12P
[Old version datasheet]   SINGLE 2 INPUT POSITIVE NAND GATE
SN74AUC1G00YEPR TI-SN74AUC1G00YEPR Datasheet
310Kb / 12P
[Old version datasheet]   SINGLE 2 INPUT POSITIVE NAND GATE
SN74AUC1G00YZAR TI-SN74AUC1G00YZAR Datasheet
310Kb / 12P
[Old version datasheet]   SINGLE 2 INPUT POSITIVE NAND GATE
More results

Similar Description - SN74AUC1G00_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com