Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV4264-2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV4264-2
Description  Low IQ Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4264-2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV4264-2 Datasheet HTML 1Page - ON Semiconductor NCV4264-2 Datasheet HTML 2Page - ON Semiconductor NCV4264-2 Datasheet HTML 3Page - ON Semiconductor NCV4264-2 Datasheet HTML 4Page - ON Semiconductor NCV4264-2 Datasheet HTML 5Page - ON Semiconductor NCV4264-2 Datasheet HTML 6Page - ON Semiconductor NCV4264-2 Datasheet HTML 7Page - ON Semiconductor NCV4264-2 Datasheet HTML 8Page - ON Semiconductor NCV4264-2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCV4264-2
http://onsemi.com
4
Figure 2. Applications Circuit
4264-2
13
2
Vout
COUT
10
mF - 5.0 V Version
22
mF - 3.3 V Version
Output
Cin
100 nF
GND
4.5-45 V
Input
Vin


Similar Part No. - NCV4264-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2CST33T3G ONSEMI-NCV4264-2CST33T3G Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2CST33T3G ONSEMI-NCV4264-2CST33T3G Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2CST50T3G ONSEMI-NCV4264-2CST50T3G Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results

Similar Description - NCV4264-2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
MAX1793EUE25 MAXIM-MAX1793EUE25 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com