Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL064ACD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL064ACD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL064ACD Datasheet(HTML) 1 Page - Texas Instruments

  TL064ACD Datasheet HTML 1Page - Texas Instruments TL064ACD Datasheet HTML 2Page - Texas Instruments TL064ACD Datasheet HTML 3Page - Texas Instruments TL064ACD Datasheet HTML 4Page - Texas Instruments TL064ACD Datasheet HTML 5Page - Texas Instruments TL064ACD Datasheet HTML 6Page - Texas Instruments TL064ACD Datasheet HTML 7Page - Texas Instruments TL064ACD Datasheet HTML 8Page - Texas Instruments TL064ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Very Low Power Consumption
D Typical Supply Current . . . 200 µA
(Per Amplifier)
D Wide Common-Mode and Differential
Voltage Ranges
D Low Input Bias and Offset Currents
D Common-Mode Input Voltage Range
Includes VCC+
D Output Short-Circuit Protection
D High Input Impedance . . . JFET-Input Stage
D Internal Frequency Compensation
D Latch-Up-Free Operation
D High Slew Rate . . . 3.5 V/µs Typ
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC−
NC
VCC+
OUT
OFFSET N2
TL061, TL061A . . . D, P, OR PS PACKAGE
TL061B ...P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
TL062 . . . D, JG, P, PS, OR PW PACKAGE
TL062A . . . D, P, OR PS PACKAGE
TL062B ...D OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
TL064 . . . D, J, N, NS, PW, OR W PACKAGE
TL064A, TL064B ...D OR N PACKAGE
(TOP VIEW)
NC − No internal connection
NC
2OUT
NC
2IN−
NC
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
1IN−
NC
1IN+
NC
TL062 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VCC−
NC
3IN+
1IN+
NC
VCC+
NC
2IN+
TL064 . . . FK PACKAGE
(TOP VIEW)
description/ordering information
The JFET-input operational amplifiers of the TL06_ series are designed as low-power versions of the
TL08_ series amplifiers. They feature high input impedance, wide bandwidth, high slew rate, and low input offset
and input bias currents. The TL06_ series features the same terminal assignments as the TL07_ and
TL08_ series. Each of these JFET-input operational amplifiers incorporates well-matched, high-voltage JFET
and bipolar transistors in an integrated circuit.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from −40
°C to 85°C, and the M-suffix devices are characterized for operation over the full military
temperature range of −55
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL064ACD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL064ACD MOTOROLA-TL064ACD Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064ACD STMICROELECTRONICS-TL064ACD Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064ACD TI-TL064ACD Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064ACD TI-TL064ACD Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064ACD STMICROELECTRONICS-TL064ACD Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
More results

Similar Description - TL064ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com