Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8416201VDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8416201VDA
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8416201VDA Datasheet(HTML) 3 Page - Texas Instruments

  5962-8416201VDA Datasheet HTML 1Page - Texas Instruments 5962-8416201VDA Datasheet HTML 2Page - Texas Instruments 5962-8416201VDA Datasheet HTML 3Page - Texas Instruments 5962-8416201VDA Datasheet HTML 4Page - Texas Instruments 5962-8416201VDA Datasheet HTML 5Page - Texas Instruments 5962-8416201VDA Datasheet HTML 6Page - Texas Instruments 5962-8416201VDA Datasheet HTML 7Page - Texas Instruments 5962-8416201VDA Datasheet HTML 8Page - Texas Instruments 5962-8416201VDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54HC164, SN74HC164
8BIT PARALLELOUT SERIAL SHIFT REGISTERS
SCLS115D − DECEMBER 1982 − REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
typical clear, shift, and clear sequence
CLK
A
B
CLR
QA
QB
QC
QD
QE
QF
QG
QH
Clear
Clear
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - 5962-8416201VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8416201VDA TI-5962-8416201VDA Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
5962-8416201VDA TI-5962-8416201VDA Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
5962-8416201VDA TI1-5962-8416201VDA Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
More results

Similar Description - 5962-8416201VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com