Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84162012A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 84162012A
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

84162012A Datasheet(HTML) 6 Page - Texas Instruments

Back Button 84162012A Datasheet HTML 2Page - Texas Instruments 84162012A Datasheet HTML 3Page - Texas Instruments 84162012A Datasheet HTML 4Page - Texas Instruments 84162012A Datasheet HTML 5Page - Texas Instruments 84162012A Datasheet HTML 6Page - Texas Instruments 84162012A Datasheet HTML 7Page - Texas Instruments 84162012A Datasheet HTML 8Page - Texas Instruments 84162012A Datasheet HTML 9Page - Texas Instruments 84162012A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN54HC164, SN74HC164
8BIT PARALLELOUT SERIAL SHIFT REGISTERS
SCLS115D − DECEMBER 1982 − REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
th
tsu
50%
50%
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
50%
High-Level
Pulse
50%
VCC
0 V
50%
50%
VCC
0 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. For clock inputs, fmax is measured when the input duty cycle is 50%.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLH and tPHL are the same as tpd.
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 84162012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
84162012A TI-84162012A Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
84162012A TI-84162012A Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
84162012A TI1-84162012A Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
More results

Similar Description - 84162012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com