Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8518B Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8518B
Description  Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8518B Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8518B Datasheet HTML 1Page - ON Semiconductor NCV8518B Datasheet HTML 2Page - ON Semiconductor NCV8518B Datasheet HTML 3Page - ON Semiconductor NCV8518B Datasheet HTML 4Page - ON Semiconductor NCV8518B Datasheet HTML 5Page - ON Semiconductor NCV8518B Datasheet HTML 6Page - ON Semiconductor NCV8518B Datasheet HTML 7Page - ON Semiconductor NCV8518B Datasheet HTML 8Page - ON Semiconductor NCV8518B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 1
1
Publication Order Number:
NCV8518B/D
NCV8518B
Low Dropout Linear
Regulator with Watchdog,
Wake Up, RESET, and
ENABLE
The NCV8518B device is a precision micropower voltage regulator.
It has a fixed output voltage of 5.0 V and regulates within
±2%. It is
suitable for use in all automotive environments and contains all the
required functions to control a microprocessor. This device has low
dropout voltage and low quiescent current. It includes a watchdog
timer, adjustable reset, wake up and enable function. Also
encompassed in this device are safety features such as thermal
shutdown and short circuit protection. It is capable of handling up to
45 V transients.
Features
Output Voltage of 5.0 V
±2% Output Voltage Tolerance
Output Current up to 250 mA
Micropower Compatible Control Functions:
ENABLE
Watchdog
RESET
Wake Up
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
Low Dropout Voltage
Low Quiescent Current of 100 mA
Protection Features:
Thermal Shutdown
Short Circuit
Low Sleep Mode Current less than 1.0 mA
AEC Qualified
PPAP Capable
These are Pb−Free Devices
Applications
Tire Pressure Monitor
Battery Powered Consumer Electronics
SOIC−16 LEAD
WIDE BODY
EXPOSED PAD
CASE 751AG
MARKING
DIAGRAMS
NCV8518B
AWLYYWWG
1
16
1
16
http://onsemi.com
1
8
SOIC−8
EXPOSED PAD
CASE 751AC
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW
= Work Week
G or G = Pb−Free Package
8518B
AYWW
G
1
8
Device
Package
Shipping
ORDERING INFORMATION
SOIC−8* 2500 / Tape & Reel
NCV8518BPDR2G
NCV8518BPWR2G SOIC−16* 1000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*These packages are inherently Pb−Free.


Similar Part No. - NCV8518B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518BPDR2G ONSEMI-NCV8518BPDR2G Datasheet
172Kb / 13P
   Low Dropout Linear Regulator
May, 2011 ??Rev. 2
NCV8518BPWR2G ONSEMI-NCV8518BPWR2G Datasheet
172Kb / 13P
   Low Dropout Linear Regulator
May, 2011 ??Rev. 2
NCV8518B ONSEMI-NCV8518B_11 Datasheet
172Kb / 13P
   Low Dropout Linear Regulator
May, 2011 ??Rev. 2
More results

Similar Description - NCV8518B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
logo
Cherry Semiconductor Co...
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
logo
Infineon Technologies A...
TLS820F3ELV50 INFINEON-TLS820F3ELV50 Datasheet
2Mb / 42P
   OPTIREG™ linear TLS820F3ELV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
Infineon Technologies A...
TLS820F3ELV33 INFINEON-TLS820F3ELV33 Datasheet
2Mb / 42P
   OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS850F3TUV33 INFINEON-TLS850F3TUV33 Datasheet
1Mb / 35P
   OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS850F3TUV50 INFINEON-TLS850F3TUV50 Datasheet
1Mb / 35P
   OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com