Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV86601D50R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV86601D50R2G
Description  Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86601D50R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV86601D50R2G Datasheet HTML 1Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 2Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 3Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 4Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 5Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 6Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 7Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 8Page - ON Semiconductor NCV86601D50R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV8660
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS 5.5 V < VIN < 40 V, −40°C ≤ TJ ≤ +150°C, unless otherwise specified
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
GENERAL
Quiescent Current
Iq
100mA < IOUT < 150mA, VIN = 13.2V, TJ = 25°C
25
30
mA
100mA < IOUT < 150mA, VIN = 13.2V, TJ ≤ 85°C
40
Thermal Shutdown (Note 6)
TSD
150
175
195
°C
Thermal Hysteresis (Note 6)
THYS
25
°C
OUT
Output Voltage
VOUT
6 V ≤ VIN ≤ 16 V, 0.1 mA ≤ IOUT ≤ 150 mA
4.9
5.0
5.1
V
6 V ≤ VIN ≤ 40 V, 0.1 mA ≤ IOUT ≤ 100 mA
4.9
5.0
5.1
5.6 V ≤ VIN ≤ 16 V, 0 mA ≤ IOUT ≤ 150 mA,
−40°C ≤ TJ ≤ +125°C
4.9
5.0
5.1
Output Voltage
VOUT
5.5 V ≤ VIN ≤ 16 V, 0.1 mA ≤ IOUT ≤ 150 mA
3.234
3.3
3.366
V
5.5 V ≤ VIN ≤ 40 V, 0.1 mA ≤ IOUT ≤ 100 mA
3.234
3.3
3.366
Output Current Limit
ICL
OUT = 96% x VOUT nominal
205
525
mA
Output Current Limit,
Short Circuit
ISCKT
OUT = 0 V
205
525
mA
Load Regulation
DVOUT
VIN = 13.2 V, IOUT = 0.1 mA to 150 mA
−40
10
40
mV
Line Regulation
DVOUT
IOUT = 5 mA, VIN = 6 V to 28 V
−20
0
20
mV
Dropout Voltage − 5.0 V Only
VDR
IOUT = 100 mA, (Note 7)
VDR = VIN – VOUT, (DVOUT = −100 mV)
0.225
0.45
V
IOUT = 150 mA, (Note 7)
VDR = VIN – VOUT, (DVOUT = −100 mV)
0.30
0.60
Output Load Capacitance
CO
Output capacitance for stability
2.2
mF
Power Supply Ripple Rejection
PSRR
VIN = 13.2 V, 0.5 VPP, 100 Hz
60
dB
DT (Reset Delay Time Select)
Threshold Voltage
High
Low
2
0.8
V
V
Input Current
DT = 5 V
1.0
mA
RO, Reset Output
RESET Threshold
VRf
VOUT decreasing
90
93
96
%VOUT
RESET Threshold Hysteresis
VRhys
2.0
%VOUT
RO Output Low
VRL
10 kW RESET to OUT, VOUT = 4.5 V
0.2
0.4
V
RO Output High (OUT−RO)
VRH
10 kW RESET to GND
VOUT
−0.4
VOUT
−0.2
VOUT
V
Reset Reaction Time
tRR
VOUT into UV to RESET Low
16
25
38
msec
Input Voltage Reset Threshold
VIN_RT
VIN Decreasing, VOUT > VRT
3.8
4.25
V
RESET Delay with DT Selection
Delay Time Out of RESET
− 8 ms version
− 16 ms version
− 32 ms version
− 64 ms version
− 128 ms version
tdRx
VOUT into regulation to RO High
5.0
10
20
40
80
8.0
16
32
64
128
11.5
23
46
92
184
msec
6. Not production tested, guaranteed by design.
7. Dropout at a given current level is defined as the voltage difference of VIN to VOUT with VIN decreasing until the output drops by 100 mV.


Similar Part No. - NCV86601D50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86601BD50R2G ONSEMI-NCV86601BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86601BD50R2G ONSEMI-NCV86601BD50R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Similar Description - NCV86601D50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com