Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8855 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8855
Description  Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8855 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8855 Datasheet HTML 1Page - ON Semiconductor NCV8855 Datasheet HTML 2Page - ON Semiconductor NCV8855 Datasheet HTML 3Page - ON Semiconductor NCV8855 Datasheet HTML 4Page - ON Semiconductor NCV8855 Datasheet HTML 5Page - ON Semiconductor NCV8855 Datasheet HTML 6Page - ON Semiconductor NCV8855 Datasheet HTML 7Page - ON Semiconductor NCV8855 Datasheet HTML 8Page - ON Semiconductor NCV8855 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCV8855
http://onsemi.com
5
ATTRIBUTES
Description
Symbol
Value
Unit
Thermal Characteristic
RqJA generated from 1 sq in / 1 oz copper 1 sided PCB
RqJA
36
°C/W
RqJC
3
°C/W
ESD Capability
Human Body Model (SN1, SN2)
Human Body Model (All Others)
Machine Model
1
2
150
kV
kV
V
Moisture Sensitivity Level
MSL
1
RECOMMENDED OPERATING CONDITIONS
Description
Value
VBATT range (refer to Figure 1)
9 V to 18 V
Ambient Temperature range
−40°C to 105°C
Figure 2.
COMP1
LR_G1
COMP2
HOT_FLG
SN2
VIN_SW
LDO_EN
SYNC/ROSC
HS_EN
SYS_EN
Top View
SW_FB2
SW_FB1
HS_S
VIN
GH1
SN1
DRV_VPP
GL1
BST1
OCSET
1
ELECTRICAL CHARACTERISTICS (VIN_SW = VIN = VISNS1+ = VISNS1− = VISNS2+ = VISNS2− = 13.2 V, SYS_EN = LDO_EN =
HS_EN = 5 V, VOUT3 = 3.3 V, VOUT4 = 8.5 V, IOUT[1:4] = 0 A) Min/Max values are valid for the temperature range −40°C v TJ v
150°C unless noted otherwise. Min/Max values are guaranteed by test, design or statistical correlation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGES AND SYSTEM SPECIFICATION
Supply Current and Operating Voltage Range
VIN_SW quiescent current
No Switching, VSW_FB2 = 1V, SN2 =
PGND1, TJ = 25°C
175
mA
VIN_SW shutdown current
SYS_EN = 0 V, TJ = 25°C
100
500
nA
High VIN detect voltage
VOVP
VIN rising
18
18.5
19
V
High VIN detect hysteresis
VIN falling
0.2
0.6
1
VIN quiescent current
TJ = 25°C
4
mA
VIN shutdown current
SYS_EN = 0 V, TJ = 25°C
100
500
nA
1. Guaranteed by design, not fully tested in production.
2. Indirectly guaranteed by test coverage of other parameters.


Similar Part No. - NCV8855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8855 ONSEMI-NCV8855_10 Datasheet
313Kb / 24P
   Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
May, 2010 ??Rev. 1
More results

Similar Description - NCV8855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8855 ONSEMI-NCV8855_10 Datasheet
313Kb / 24P
   Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
May, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5088 MAXIM-MAX5088 Datasheet
1Mb / 24P
   2.2MHz, 2A Buck Converters with an Integrated High-Side Switch
Rev 1; 5/06
logo
Analog Devices
MAX14916 AD-MAX14916 Datasheet
991Kb / 42P
   Compact Industrial Octal 1A/Quad 2A High-Side Switch with Diagnostics
19-100575; Rev 1; 6/23
logo
ON Semiconductor
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com