Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8855 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8855
Description  Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8855 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8855 Datasheet HTML 4Page - ON Semiconductor NCV8855 Datasheet HTML 5Page - ON Semiconductor NCV8855 Datasheet HTML 6Page - ON Semiconductor NCV8855 Datasheet HTML 7Page - ON Semiconductor NCV8855 Datasheet HTML 8Page - ON Semiconductor NCV8855 Datasheet HTML 9Page - ON Semiconductor NCV8855 Datasheet HTML 10Page - ON Semiconductor NCV8855 Datasheet HTML 11Page - ON Semiconductor NCV8855 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCV8855
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (VIN_SW = VIN = VISNS1+ = VISNS1− = VISNS2+ = VISNS2− = 13.2 V, SYS_EN = LDO_EN =
HS_EN = 5 V, VOUT3 = 3.3 V, VOUT4 = 8.5 V, IOUT[1:4] = 0 A) Min/Max values are valid for the temperature range −40°C v TJ v
150°C unless noted otherwise. Min/Max values are guaranteed by test, design or statistical correlation.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
SWITCH−MODE POWER SUPPLY CONTROLLER (SMPS1, VOUT1) SPECIFICATIONS
Error Amplifier
Dc gain
(Note 1)
70
85
dB
Gain−bandwidth product
(Note 1)
8
10
MHz
SW_FB1 input bias current
SW_FB1 = 0.8 V
100
nA
Input offset voltage
(Note 1)
800
mV
Slew rate
CCOMP1 = 50 pF, $1 mA dc load Slew rate
within ramp voltage levels (Note 1)
6
8
V/ms
COMP1 source current
VCOMP1 = 2.2 V
1.5
8
mA
VCOMP1 = 3.2 V
1.6
8
mA
COMP1 sink current
VCOMP1 = 2.2 V
1.1
8
mA
VCOMP1 = 1.1 V
0.7
8
mA
Minimum COMP1 voltage
ICOMP1 = 500 mA
1.05
V
Maximum COMP1 voltage
ICOMP1 = 2 mA
3.3
V
Ramp maximum voltage
2.8
3.0
3.2
V
Ramp minimum voltage
1.1
1.2
1.3
V
Ramp voltage amplitude
VRAMP1
1.6
1.8
2.0
V
Duty Cycle Limitations
Minimum off time
tMINOFF1
GH1 falling to GL1 rising
80
140
200
ns
Minimum pulse width
tMINON1
GH1 rising to GH1 falling
120
250
300
ns
Gate Driver
GH1 source current
VGH1 – VSN1 = 4 V, TJ = 25°C
1.5
A
GH1 sink current
VGH1 – VSN1 = 2 V, TJ = 25°C
1.5
A
GL1 source current
VGL1 – PGND = 4 V, TJ = 25°C
1.5
A
GL1 sink current
VGL1 – PGND = 1 V, TJ = 25°C
1.5
A
SN1 falling to GL1 rising, non−overlap
time
tNOLT
30
70
ns
GL1 falling to GH1 rising, non−overlap
time
30
70
ns
SN1 falling non−overlap threshold
voltage
1.0
1.8
3.0
V
GL1 falling non−overlap threshold
voltage
2
V
SN1 falling override timer
50
100
150
ns
SWITCH−MODE POWER SUPPLY REGULATOR (SMPS2, VOUT2) SPECIFICATIONS
Over Current Protection
Internal current limit
2.5
3.05
4.2
A
Current limit blanking time
100
200
ns
Short circuit threshold voltage
SCTH2
VSW_FB2 % of VREF
75
85
95
%
Short circuit protection startup delay
From SYS_EN rising edge, % of tSS2,
SW_FB2 = 0.5 V
100
125
150
%
1. Guaranteed by design, not fully tested in production.
2. Indirectly guaranteed by test coverage of other parameters.


Similar Part No. - NCV8855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8855 ONSEMI-NCV8855_10 Datasheet
313Kb / 24P
   Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
May, 2010 ??Rev. 1
More results

Similar Description - NCV8855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8855 ONSEMI-NCV8855_10 Datasheet
313Kb / 24P
   Quad-Output Automotive System Power Supply IC with Integrated High-Side 2A Switch
May, 2010 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5088 MAXIM-MAX5088 Datasheet
1Mb / 24P
   2.2MHz, 2A Buck Converters with an Integrated High-Side Switch
Rev 1; 5/06
logo
Analog Devices
MAX14916 AD-MAX14916 Datasheet
991Kb / 42P
   Compact Industrial Octal 1A/Quad 2A High-Side Switch with Diagnostics
19-100575; Rev 1; 6/23
logo
ON Semiconductor
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com