Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8606MN28T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8606MN28T2G
Description  500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8606MN28T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8606MN28T2G Datasheet HTML 5Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 6Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 7Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 8Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 9Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 10Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 11Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 12Page - ON Semiconductor NCV8606MN28T2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCV8605, NCV8606
http://onsemi.com
11
temperature (TA) is 25°C. See Figure 23 for RqJA versus
PCB area.
The power dissipated by the NCV8605/NCV8606 can be
calculated from the following equations:
PD [ Vin IGND@IOUT ) Iout Vin * Vout
(eq. 4)
or
Vin(MAX) [
PD(MAX) ) Vout Iout
Iout ) IGND
(eq. 5)
0
50
100
150
200
250
0
200
400
600
800
Figure 23. Thermal Resistance vs. Copper Area
COPPER AREA (mm2)
FR4 = 1.0 oz
FR4 = 2.0 oz
Hints
Vin and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is
high, there is a chance to pick up noise or cause the regulator
to malfunction. Place external components, especially the
output capacitor, as close as possible to the
NCV8605/NCV8606, and make traces as short as possible.


Similar Part No. - NCV8606MN28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8606MN28T2G ONSEMI-NCV8606MN28T2G Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
More results

Similar Description - NCV8606MN28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com