Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV86603D50R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV86603D50R2G
Description  Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86603D50R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV86603D50R2G Datasheet HTML 1Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 2Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 3Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 4Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 5Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 6Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 7Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 8Page - ON Semiconductor NCV86603D50R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 9
1
Publication Order Number:
NCV8660/D
NCV8660
Very Low Iq LD0 150 mA
Regulator with RESET and
Delay Time Select
The NCV8660 is a precision very low Iq low dropout voltage
regulator. Quiescent currents as low as 28
mA typical make it ideal for
automotive applications requiring low quiescent current with or
without a load. Integrated control features such as Reset and Delay
Time Select make it ideal for powering microprocessors.
It is available with a fixed output voltage of 5.0 V and 3.3 V and
regulates within
±2.0%.
Features
Fixed Output Voltage of 5 V and 3.3 V
±2.0% Output Voltage up to VBAT = 40 V
Output Current up to 150 mA
Microprocessor Compatible Control Functions:
Delay Time Select
RESET Output
NCV Prefix for Automotive
Site and Change Control
AEC−Q100 Qualified
Low Dropout Voltage
Low Quiescent Current of 28 mA Typical
Stable Under No Load Conditions
Protection Features:
Thermal Shutdown
Short Circuit
These are Pb−Free Devices
Applications
Automotive:
Body Control Module
Instrument and Clusters
Occupant Protection and Comfort
Powertrain
Battery Powered Consumer Electronics
Figure 1. Application Diagram
DT
OUT
RO
IN
DT
OUT
RO
GND
NCV8660
COUT
2.2 mF
CIN
0.1 mF
VBAT
13.2 V
http://onsemi.com
http://onsemi.com
DPAK 5−PIN
DT SUFFIX
CASE 175AA
ORDERING INFORMATION
1
5
MARKING
DIAGRAMS
1
x
= 5 for 5 V Output, 3 for 3.3 V Output
y
= 1 for 8 ms, 128 ms Reset Delay,
= 3 for 16 ms, 64 ms Reset Delay
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW
= Work Week
G or G = Pb−Free Package
8660yxG
ALYWW
See detailed ordering and shipping information in the
dimensions section on page 12 of this data sheet.
1
8
660yx
ALYWW
G
1
8
SOIC−8 FUSED
CASE 751


Similar Part No. - NCV86603D50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86603BD33R2G ONSEMI-NCV86603BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86603BD33R2G ONSEMI-NCV86603BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86603BD33R2G ONSEMI-NCV86603BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86603BD50R2G ONSEMI-NCV86603BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86603BD50R2G ONSEMI-NCV86603BD50R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Similar Description - NCV86603D50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com