Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF02N60Z Datasheet(PDF) 9 Page - ON Semiconductor

Part # NDF02N60Z
Description  N-Channel Power MOSFET 600 V, 4.0 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF02N60Z Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NDF02N60Z Datasheet HTML 2Page - ON Semiconductor NDF02N60Z Datasheet HTML 3Page - ON Semiconductor NDF02N60Z Datasheet HTML 4Page - ON Semiconductor NDF02N60Z Datasheet HTML 5Page - ON Semiconductor NDF02N60Z Datasheet HTML 6Page - ON Semiconductor NDF02N60Z Datasheet HTML 7Page - ON Semiconductor NDF02N60Z Datasheet HTML 8Page - ON Semiconductor NDF02N60Z Datasheet HTML 9Page - ON Semiconductor NDF02N60Z Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NDF02N60Z, NDP02N60Z, NDD02N60Z
http://onsemi.com
9
PACKAGE DIMENSIONS
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
12
3
4
V
S
A
K
−T−
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
−−−
3.93
−−−
IPAK
CASE 369D−01
ISSUE B
DPAK
CASE 369AA−01
ISSUE A
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
D
A
B
R
V
S
F
L
2 PL
M
0.13 (0.005)
T
E
C
U
J
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.025
0.035
0.63
0.89
E
0.018
0.024
0.46
0.61
F
0.030
0.045
0.77
1.14
J
0.018
0.023
0.46
0.58
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.024
0.040
0.60
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
H
0.386
0.410
9.80
10.40
H
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NDF02N60Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
148Kb / 10P
   N-Channel Power MOSFET
January, 2014 ??Rev. 8
logo
Inchange Semiconductor ...
NDF02N60Z ISC-NDF02N60Z Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF02N60ZG ONSEMI-NDF02N60ZG Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF02N60ZG ONSEMI-NDF02N60ZG Datasheet
148Kb / 10P
   N-Channel Power MOSFET
January, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com