Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDP11N50ZG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDP11N50ZG
Description  N-Channel Power MOSFET 500 V, 0.52 
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDP11N50ZG Datasheet(HTML) 1 Page - ON Semiconductor

  NDP11N50ZG Datasheet HTML 1Page - ON Semiconductor NDP11N50ZG Datasheet HTML 2Page - ON Semiconductor NDP11N50ZG Datasheet HTML 3Page - ON Semiconductor NDP11N50ZG Datasheet HTML 4Page - ON Semiconductor NDP11N50ZG Datasheet HTML 5Page - ON Semiconductor NDP11N50ZG Datasheet HTML 6Page - ON Semiconductor NDP11N50ZG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2010
July, 2010 − Rev. 0
1
Publication Order Number:
NDF11N50Z/D
NDF11N50Z, NDP11N50Z
N-Channel Power MOSFET
500 V, 0.52 W
Features
Low ON Resistance
Low Gate Charge
100% Avalanche Tested
These Devices are Pb−Free and are RoHS Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol NDF11N50Z NDP11N50Z Unit
Drain−to−Source Voltage
VDSS
500
V
Continuous Drain Current,
RqJC
ID
10.5 (Note
2)
10.5
A
Continuous Drain Current
TA = 100°C, RqJC
ID
6.7 (Note 2)
6.7
A
Pulsed Drain Current,
VGS @ 10 V
IDM
42 (Note 2)
42
A
Power Dissipation, RqJC
(Note 1)
PD
36
145
W
Gate−to−Source Voltage
VGS
±30
V
Single Pulse Avalanche
Energy, ID = 10.5 A
EAS
190
mJ
ESD (HBM)
(JESD22−A114)
Vesd
4000
V
RMS Isolation Voltage
(t = 0.3 sec., R.H. ≤ 30%,
TA = 25°C) (Figure 14)
VISO
4500
V
Peak Diode Recovery
dv/dt
4.5 (Note 3)
V/ns
Continuous Source Cur-
rent (Body Diode)
IS
10.5
A
Maximum Temperature for
Soldering Leads
TL
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1″ sq. pad size, (Cu area = 1.127 in sq
[2 oz] including traces).
2. Limited by maximum junction temperature
3. Id ≤ 10.5 A, di/dt ≤ 200 A/ms, VDD ≤ BVDSS, TJ ≤ 150°C.
N−Channel
MARKING
DIAGRAM
A
= Location Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
http://onsemi.com
VDSS
RDS(ON) (MAX) @ 4.5 A
500 V
0.52 Ω
NDF11N50ZG
or
NDP11N50ZG
AYWW
Gate
Source
Drain
TO−220FP
CASE 221D
STYLE 1
TO−220
CASE 221A
STYLE 5
G (1)
D (2)
S (3)
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NDP11N50ZG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP11N50Z ISC-NDP11N50Z Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com