Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS5132MN2TXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NIS5132MN2TXG
Description  12 Volt Electronic Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5132MN2TXG Datasheet(HTML) 4 Page - ON Semiconductor

  NIS5132MN2TXG Datasheet HTML 1Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 2Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 3Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 4Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 5Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 6Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 7Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 8Page - ON Semiconductor NIS5132MN2TXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NIS5132
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Unless otherwise noted: VCC = 12 V, CL = 100 mF, dv/dt pin open, RLIMIT = 10 W, Tj = 25°C
unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
POWER FET
Delay Time (enabling of chip to ID = 100 mA with 1 A resistive load)
Tdly
220
ms
Kelvin ON Resistance (Note 4)
TJ = 80°C (Note 5)
RDSon
35
44
95
55
mW
Off State Output Voltage
(VCC = 18 Vdc, VGS = 0 Vdc, RL = R)
Voff
190
300
mV
Output Capacitance (VDS = 12 Vdc, VGS = 0 Vdc, f = 1 MHz)
250
pF
Continuous Current (TA = 25°C, 0.5 in2 pad) (Note 5)
(TA = 80°C, minimum copper)
ID
ID
3.6
1.7
A
THERMAL LATCH
Shutdown Temperature (Note 5)
TSD
150
175
200
°C
Thermal Hysteresis (Decrease in die temperature for turn on, does not
apply to latching parts)
THyst
45
°C
UNDER/OVERVOLTAGE PROTECTION
Output Clamping Voltage (Overvoltage Protection) (VCC = 18 V)
VClamp
14
15
16.2
V
Undervoltage Lockout (Turn on, voltage going high)
VUVLO
7.7
8.5
9.3
V
UVLO Hysteresis
VHyst
0.80
V
CURRENT LIMIT
Kelvin Short Circuit Current Limit (RLimit = 15.4 W, Note 6)
ILim−SS
2.75
3.44
4.25
A
Kelvin Overload Current Limit (RLimit = 15.4 W, Note 6)
ILim−OL
4.6
A
dv/dt CIRCUIT
Output Voltage Ramp Time (Enable to VOUT = 11.7 V)
tslew
0.5
0.9
1.8
ms
Maximum Capacitor Voltage
Vmax
VCC
V
ENABLE/FAULT
Logic Level Low (Output Disabled)
Vin−low
0.35
0.58
0.81
V
Logic Level Mid (Thermal Fault, Output Disabled)
Vin−mid
0.82
1.4
1.95
V
Logic Level High (Output Enabled)
Vin−high
1.96
2.64
3.30
V
High State Maximum Voltage
Vin−max
3.40
4.30
5.2
V
Logic Low Sink Current (Venable = 0 V)
Iin−low
−17
−25
mA
Logic High Leakage Current for External Switch (Venable = 3.3 V)
Iin−leak
1.0
mA
Maximum Fanout for Fault Signal (Total number of chips that can be
connected to this pin for simultaneous shutdown)
Fan
3.0
Units
TOTAL DEVICE
Bias Current (Operational)
IBias
1. 8
2.5
mA
Bias Current (Shutdown)
IBias
1.0
mA
Minimum Operating Voltage (Notes 5 and 7)
Vmin
7.6
V
4. Pulse test: Pulse width 300 us, duty cycle 2%.
5. Verified by design.
6. Refer to explanation of short circuit and overload conditions in application note AND8140.
7. Device will shut down prior to reaching this level based on actual UVLO trip point.


Similar Part No. - NIS5132MN2TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN2TXG ONSEMI-NIS5132MN2TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132MN2TXG ONSEMI-NIS5132MN2TXG Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
More results

Similar Description - NIS5132MN2TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5420 ONSEMI-NIS5420 Datasheet
285Kb / 12P
   12 Volt Electronic Fuse
May, 2020 ??Rev. P2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com