Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C2V4 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DZ23C2V4
Description  300 mW Zener Diode 2.4 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DZ23C2V4 Datasheet(HTML) 1 Page - Micro Commercial Components

  DZ23C2V4 Datasheet HTML 1Page - Micro Commercial Components DZ23C2V4 Datasheet HTML 2Page - Micro Commercial Components DZ23C2V4 Datasheet HTML 3Page - Micro Commercial Components DZ23C2V4 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THRU
DZ23C75
300 mW
Zener Diode
2.4 to 75 Volts
Features
Symbol
Parameter
Rating
Unit
PD
Power dissipation
3
00
mW
TSTG
Storage Temperature Range
-65 to +1
50
oC
DZ23C2V4
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
www.mccsemi.com
Revision: 2
2009/01/19
TM
Micro Commercial Components
1 of 4
Absolute Maximum Ratings
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
K
L
L
.007
.020
.20
.50
420
oC/W
RthJA
Thermal Resistance, Junction to Ambient Air
*Pin Configuration - Top View
SOT-23
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Dual zeners in common cathode configuration.
300mW power dissipation rating.
Ideally suited for automatic insertion.
vz for both diodes in one case is
5%.
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1


Similar Part No. - DZ23C2V4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DZ23C2V4 PANJIT-DZ23C2V4 Datasheet
183Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
logo
Micro Commercial Compon...
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
More results

Similar Description - DZ23C2V4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com