Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ15005 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GBJ15005
Description  15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJ15005 Datasheet(HTML) 1 Page - Micro Commercial Components

  GBJ15005 Datasheet HTML 1Page - Micro Commercial Components GBJ15005 Datasheet HTML 2Page - Micro Commercial Components GBJ15005 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBJ15005
THRU
GBJ1510
15 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
GBJ
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.170
1.190
29.70
30.30
B
.780
.800
19.70
20.30
C
.670
.710
17.00
18.00
D
.019
.019
4.70
4.90
E
.430
.440
10.80
11.20
G
.120
.130
3.10
3.40
I
.170
.190
4.40
4.80
J
.100
.110
2.50
2.90
K
.020
.030
0.60
0.80
L
.080
.090
2.00
2.40
M
.040
.040
0.90
1.10
O
.290
.300
7.30
7.70
N
.390
.400
9.80
10.20
H
.130
.150
3.40
3.80
F
.090
.110
2.30
2.70
MCC
+
A
B
D
E
F
G
H
I
J
K
L
M
O
N
C
O
P
P
.150
.170
3.80
4.20
Ideal for printed circuit board
Low forward voltage drop, high current capability.
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Typical Thermal Resistance 0.8
°C/W J to C (With heatsink)
Typical Thermal Resistance 3.5
°C/W J to L (Without heatsink)
Typical Thermal Resistance
12°C/W J to A (Without heatsink)
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJ15005 GBJ15005
50V
35V
50V
GBJ1501
GBJ1501
100V
70V
100V
GBJ1502
GBJ1502
200V
140V
200V
GBJ1504
GBJ1504
400V
280V
400V
GBJ1506
GBJ1506
600V
420V
600V
GBJ1508
GBJ1508
800V
560V
800V
GBJ1510
GBJ1510
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
240A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
60 pF
Measured at
1.0MHz, VR=4.0V
IFM = 7.5A
I t Rating for fusing
2
I t
2
240A S
2
(t<8.3ms)
Revision: 6
2008/01/30
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
3. Device mounted on 300mm * 300mm *1.6mm Cu Plate Heatsink
UL Recognized File # E165989
Case Type
~
~


Similar Part No. - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Microdiode Electronics ...
GBJ15005 CHENDA-GBJ15005 Datasheet
961Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diotech Company.
GBJ15005 DIOTECH-GBJ15005 Datasheet
853Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Sangdest Microelectroni...
GBJ15005 SMC-GBJ15005 Datasheet
290Kb / 4P
   Glass passivated die construction
More results

Similar Description - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJA15005 MCC-GBJA15005 Datasheet
473Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005_11 Datasheet
218Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL15005 MCC-GBJL15005 Datasheet
283Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005_17 Datasheet
506Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJL15005G MCC-KBJL15005G Datasheet
186Kb / 2P
   15 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
GBPC25005 MCC-GBPC25005_15 Datasheet
387Kb / 3P
   15 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com