Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8B-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GBU8B-BP
Description  8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBU8B-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  GBU8B-BP Datasheet HTML 1Page - Micro Commercial Components GBU8B-BP Datasheet HTML 2Page - Micro Commercial Components GBU8B-BP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBU8A
THRU
GBU8M
GBU
Features
Maximum Ratings
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.860
.880
21.80
22.30
B
.720
.740
18.30
18.80
C
.130
.140
3.30
3.56
D
.690
.710
17.50
18.00
E
.030
.039
0.76
1.00
G
.290
.310
7.40
7.90
I
.065
.085
1.65
2.16
J
.089
.108
2.25
2.75
K
.077
.093
1.95
2.35
L
.040
.050
1.02
1.27
M
.190
.210
4.83
5.33
H
.140
.160
3.50
4.10
F
.018
.022
0.46
0.56
8 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Glass Passivated Chip Junction
High Surge Overload Rating
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
GBU8A
GBU8A
50V
35V
50V
GBU8B
GBU8B
100V
70V
100V
GBU8D
GBU8D
200V
140V
200V
GBU8G
GBU8G
400V
280V
400V
GBU8K
GBU8K
800V
560V
800V
GBU8M
GBU8M
1000V
700V
1000V
GBU8J
GBU8J
600V
420V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
60pF
Measured at
1.0MHz, VR=4.0V
C
E
F
B
I
N
N
N
N
++++
----
~~~~
~~~~
A
D
G
H
M
L
K
J
3.2x45
1.90 RADIUS
N
7.0 TYPICAL
IFM=4A
Typical Thermal Resistance
2.2°C/W Junction to Case
I t Rating for fusing
2
I t
2
166A S
2
(t<8.3ms)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
6
2008/0
3/24
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
Case Style
UL Recognized File # E165989


Similar Part No. - GBU8B-BP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBU8B-E3/45 VISHAY-GBU8B-E3/45 Datasheet
97Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 02-Apr-15
GBU8B-E3/51 VISHAY-GBU8B-E3/51 Datasheet
97Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 02-Apr-15
More results

Similar Description - GBU8B-BP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GBU8A MCC-GBU8A_16 Datasheet
194Kb / 3P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
   50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_13 Datasheet
208Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005_08 Datasheet
93Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD8KB05 MCC-UD8KB05 Datasheet
339Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJA8005 MCC-KBJA8005 Datasheet
501Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com