Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7728SRTQT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7728SRTQT
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7728SRTQT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7728SRTQT Datasheet HTML 3Page - Texas Instruments DAC7728SRTQT Datasheet HTML 4Page - Texas Instruments DAC7728SRTQT Datasheet HTML 5Page - Texas Instruments DAC7728SRTQT Datasheet HTML 6Page - Texas Instruments DAC7728SRTQT Datasheet HTML 7Page - Texas Instruments DAC7728SRTQT Datasheet HTML 8Page - Texas Instruments DAC7728SRTQT Datasheet HTML 9Page - Texas Instruments DAC7728SRTQT Datasheet HTML 10Page - Texas Instruments DAC7728SRTQT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
DAC7728
www.ti.com
SBAS461A – JUNE 2009 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS: Single-Supply
All specifications at TA = TMIN to TMAX, AVDD = +32V, AVSS = 0V, DVDD = +5V, REF-A and REF-B = +5V, gain = 6, AGND-x =
DGND = 0V, and OFFSET-A = OFFSET-B = AGND, unless otherwise noted.
DAC7728
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
12
Bits
Linearity error
Measured by line passing through codes 010h and FFFh
±1
LSB
Differential linearity error
Measured by line passing through codes 010h and FFFh
±1
LSB
Unipolar zero error
TA = +25°C, gain = 4 or 6, code = 010h
±1
LSB
Unipolar zero error TC
Gain = 4 or 6, code = 010h
±0.5
±3
ppm FSR/°C
Gain error
TA = +25°C, gain = 4 or 6
±1
LSB
Gain error TC
Gain = 4 or 6
±1
±3
ppm FSR/°C
Full-scale error
TA = +25°C, gain = 4 or 6, code = FFFh
±1
LSB
Full-scale error TC
Gain = 4 or 6, code = FFFh
±0.5
±3
ppm FSR/°C
Measured channel at code = 800h, full-scale change on any
DC crosstalk(1)
0.05
LSB
other channel
ANALOG OUTPUT (VOUT-0 to VOUT-7)
(2)
VREF = +5V
0
+30
V
Voltage output(3)
VREF = +1.5V
0
+9
V
Output impedance
Code = 800h
0.5
Short-circuit current(4)
±10
mA
Load current
See Figure 89 and Figure 90
±3
mA
TA = +25°C, Device operating for 500 hours, full-scale output
3.4
ppm of FSR
Output drift vs time
TA = +25°C, Device operating for 1000 hours, full-scale output
4.3
ppm of FSR
Capacitive load stability
500
pF
To 0.03% of FSR, CL = 200pF, RL= 10kΩ, code from 010h to
10
μs
FFFh and FFFh to 010h
To 1 LSB, CL = 200pF, RL = 10kΩ, code from 010h to FFFh
Settling time
15
μs
and FFFh to 010h
To 1 LSB, CL = 200pF, RL = 10kΩ, code from 7C0h to 840h
6
μs
and 840h to 7C0h
Slew rate(5)
6
V/
μs
Power-on delay(6)
From IOVDD ≥ +1.8V and DVDD ≥ +2.7V to CS low
200
μs
Power-down recovery time
50
μs
Digital-to-analog glitch(7)
Code from 7FFh to 800h and 800h to 7FFh
4
nV-s
Glitch impulse peak amplitude
Code from 7FFh to 800h and 800h to 7FFh
5
mV
Channel-to-channel isolation(8)
VREF = 4VPP, f = 1kHz
88
dB
DACs in the same group
10
nV-s
DAC-to-DAC crosstalk(9)
DACs among different groups
1
nV-s
Digital crosstalk(10)
1
nV-s
(1)
The DAC outputs are buffered by op amps that share common AVDD and AVSS power supplies. DC crosstalk indicates how much dc
change in one or more channel outputs may occur when the dc load current changes in one channel (because of an update). With
high-impedance loads, the effect is virtually immeasurable. Multiple AVDD and AVSS terminals are provided to minimize dc crosstalk.
(2)
Specified by design.
(3)
The analog output range of VOUT-0 to VOUT-7 is equal to (6 × VREF) for gain = 6. The maximum value of the analog output must not be
greater than (AVDD – 0.5V). All specifications are for a +32V power supply and a 0V to +30V output, unless otherwise noted.
(4)
When the output current is greater than the specification, the current is clamped at the specified maximum value.
(5)
Slew rate is measured from 10% to 90% of the transition when the output changes from 0 to full-scale.
(6)
Power-on delay is defined as the time from when the supply voltages reach the specified conditions to when CS goes low, for valid
digital communication.
(7)
Digital-to-analog glitch is defined as the amount of energy injected into the analog output at the major code transition. It is specified as
the area of the glitch in nV-s. It is measured by toggling the DAC register data between 7FFh and 800h in straight binary format.
(8)
Channel-to-channel isolation refers to the ratio of the signal amplitude at the output of one DAC channel to the amplitude of the
sinusoidal signal on the reference input of another DAC channel. It is expressed in dB and measured at midscale.
(9)
DAC-to-DAC crosstalk is the glitch impulse that appears at the output of one DAC as a result of both the full-scale digital code and
subsequent analog output change at another DAC. It is measured with LDAC tied low and expressed in nV-s.
(10) Digital crosstalk is the glitch impulse transferred to the output of one converter as a result of a full-scale code change in the DAC input
register of another converter. It is measured when the DAC output is not updated, and is expressed in nV-s.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC7728


Similar Part No. - DAC7728SRTQT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724N BURR-BROWN-DAC7724N Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724N TI1-DAC7724N Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724N/750 TI1-DAC7724N/750 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7728SRTQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8228 TI1-DAC8228 Datasheet
1Mb / 55P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
logo
Texas Instruments
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com