Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX4014 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLSX4014
Description  4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4014 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLSX4014 Datasheet HTML 2Page - ON Semiconductor NLSX4014 Datasheet HTML 3Page - ON Semiconductor NLSX4014 Datasheet HTML 4Page - ON Semiconductor NLSX4014 Datasheet HTML 5Page - ON Semiconductor NLSX4014 Datasheet HTML 6Page - ON Semiconductor NLSX4014 Datasheet HTML 7Page - ON Semiconductor NLSX4014 Datasheet HTML 8Page - ON Semiconductor NLSX4014 Datasheet HTML 9Page - ON Semiconductor NLSX4014 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NLSX4014
http://onsemi.com
6
POWER CONSUMPTION
Symbol
Parameter
Test Conditions
(Note 5)
VCC (V)
(Note 6)
VL (V)
(Note 7)
−405C to +855C
Unit
Min
Typ
Max
IQ−VCC Supply Current from
VCC
EN = VL; I/O VCCn = 0 V, I/O VLn = 0 V,
I/O VCCn = VCC or I/O VLn = VL and Io = 0
1.3 to 3.6 0.9 to (VCC – 0.4)
1.0
mA
0
4.1
2.0
4.5
0
2.0
IQ−VL
Supply Current from
VL
EN = VL; I/O VCCn = 0 V, I/O VLn = 0 V,
I/O VCCn = VCC or I/O VLn = VL and Io = 0
1.3 to 3.6 0.9 to (VCC – 0.4)
1.0
mA
EN = VL, I/O VCCn = 0 V, I/O VLn = 0 V,
I/O VCCn = VCC or I/O VLn = (VCC
0.2 V) and Io = 0
< (VCC – 0.2)
2.0
0
4.1
4.5
0
ITS−VCC VCC Tristate Output
Mode Supply
Current
EN = 0 V
1.3 to 3.6 0.9 to (VCC – 0.4)
1.0
mA
ITS−VL
VL Tristate Output
Mode Supply
Current
EN = 0 V
1.3 to 3.6 0.9 to (VCC – 0.4)
0.2
mA
EN = 0 V
VCC − 0.2
2.0
IOZ
I/O Tristate Output
Mode Leakage
Current
EN = 0 V
1.3 to 3.6 0.9 to (VCC – 0.4)
0.15
mA
EN = 0 V
VCC – 0.2
2.0
IEN
Output Enable Pin
Input Current
1.3 to 3.6 0.9 to (VCC – 0.4)
1.0
mA
IOFF
VL Port
I/O VLn = 0 to 4.1 V
0 to 4.5
0
2.0
mA
VCC Port
I/O VCCn = 0 to 4.5 V
0
0 to 4.1
2.0
5. Normal test conditions are VEN = 0 V, CIOVCC = 15 pF and CIOVL = 15 pF, unless otherwise specified.
6. VCC is the supply voltage associated with the high voltage port, and VCC ranges from +1.3 V to 3.6 V.
7. VL is the supply voltage associated with the low voltage port. VL must be less than or equal to (VCC – 0.4) V during normal operation. However,
during startup and shutdown conditions, VL can be greater than (VCC – 0.4) V.


Similar Part No. - NLSX4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4014 ONSEMI-NLSX4014 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX4014DR2G ONSEMI-NLSX4014DR2G Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX4014DTR2G ONSEMI-NLSX4014DTR2G Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX4014MUTAG ONSEMI-NLSX4014MUTAG Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results

Similar Description - NLSX4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX5014 ONSEMI-NLSX5014 Datasheet
163Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3014 ONSEMI-NLSX3014 Datasheet
139Kb / 10P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2008 ??Rev. 4
NLSX5014 ONSEMI-NLSX5014_16 Datasheet
125Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
August, 2016 ??Rev. 6
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com