Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU1GT14 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLU1GT14
Description  Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT14 Datasheet(HTML) 6 Page - ON Semiconductor

  NLU1GT14 Datasheet HTML 1Page - ON Semiconductor NLU1GT14 Datasheet HTML 2Page - ON Semiconductor NLU1GT14 Datasheet HTML 3Page - ON Semiconductor NLU1GT14 Datasheet HTML 4Page - ON Semiconductor NLU1GT14 Datasheet HTML 5Page - ON Semiconductor NLU1GT14 Datasheet HTML 6Page - ON Semiconductor NLU1GT14 Datasheet HTML 7Page - ON Semiconductor NLU1GT14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NLU1GT14
http://onsemi.com
6
PACKAGE DIMENSIONS
ULLGA6 1.0x1.0, 0.35P
CASE 613AD-01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
---
0.40
A1
0.00
0.05
b
0.12
0.22
D
1.00 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.22
5X
0.48
6X
1.18
0.53
PITCH
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.35
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Similar Part No. - NLU1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14AMUTCG ONSEMI-NLU1GT14AMUTCG Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14CMUTCG ONSEMI-NLU1GT14CMUTCG Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14MUTCG ONSEMI-NLU1GT14MUTCG Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14 ONSEMI-NLU1GT14_16 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
More results

Similar Description - NLU1GT14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
logo
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14_16 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com