Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP2600SBMCT3G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NP2600SBMCT3G
Description  80A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP2600SBMCT3G Datasheet(HTML) 6 Page - ON Semiconductor

  NP2600SBMCT3G Datasheet HTML 1Page - ON Semiconductor NP2600SBMCT3G Datasheet HTML 2Page - ON Semiconductor NP2600SBMCT3G Datasheet HTML 3Page - ON Semiconductor NP2600SBMCT3G Datasheet HTML 4Page - ON Semiconductor NP2600SBMCT3G Datasheet HTML 5Page - ON Semiconductor NP2600SBMCT3G Datasheet HTML 6Page - ON Semiconductor NP2600SBMCT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NP−SBMC Series
http://onsemi.com
6
Normal System
Operating Voltage
Equipment Failure Threshold
Time
Transient Surge
TSPD Protection
(short)
Figure 5. Protection During a Transient Surge
TSPD Transparent
(open)
TSPD Transparent
(open)
TSPD Protection Voltage
Upper Limit
TSPD’s are useful in helping designers meet safety and
regulatory standards in Telecom equipment including
GR−1089−CORE,ITU−K.20, ITU−K.21, ITU−K.45, FCC
Part 68, UL1950, and EN 60950.
ON Semiconductor offers a full range of these products in
the NP series product line.
DEVICE SELECTION
When selecting a TSPD use the following key selection
parameters.
Off−State Voltage VDRM
Choose a TSPD that has an Off−State Voltage greater than
the normal system operating voltage. The protector should
not operate under these conditions:
Example:
Vbat = 48 Vmax
Vring = 150 Vrms = 150*1.414 = 212 V peak
VDRM should be greater than the peak value of these two
components:
VDRM > 212 + 48 = 260 VDRM
Breakover Voltage V(BO)
Verify that the TSPD Breakover Voltage is a value less
than the peak voltage rating of the circuit it is protecting.
Example: Relay breakdown voltage, SLIC maximum
voltage, or coupling capacitor maximum rated voltage.
Peak Pulse Current Ipps
Choose a Peak Pulse current value which will exceed the
anticipated surge currents in testing. In some cases the 100 A
“C” series device may be needed when little or no series
resistance is used. When a series current limiter is used in the
circuit a lower current level of “A” or “B” may be used. To
determine the peak current divide the maximum surge
current by the series resistance.
Hold Current (IH)
The Hold Current must be greater than the maximum
system generated current. If it is not then the TSPD will
remain in a shorted condition, even after a transient event
has passed.
TYPICAL APPLICATION
Figure 6. ADSL
Tip
Ring
Voice
NP3100SBMC
NP3100SBMC
DSL


Similar Part No. - NP2600SBMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP2600SB1T3G ONSEMI-NP2600SB1T3G Datasheet
71Kb / 3P
   BIDIRECTIONAL TSPD 50, 80, AND 100 AMP SURGE 260 VOLTS HIGH HOLD CURRENT 270 mA MIN
June, 2007 - Rev. P0
NP2600SBT3G ONSEMI-NP2600SBT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
More results

Similar Description - NP2600SBMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP-SAMC ONSEMI-NP-SAMC Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com