Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVPE502RGER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE502RGER
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVPE502RGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVPE502RGER Datasheet HTML 5Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 6Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 7Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 8Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 9Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 10Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 11Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 12Page - Texas Instruments SN65LVPE502RGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SN65LVPE502
www.ti.com
SLLSE29 – APRIL 2010
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSMITTER AC/DC
RL =100Ω +1%, DEx, OSx = NC, Transition
800
1000
1200
Bit
RL =100Ω +1%, DEx, OSx = GND
VTXDIFF_TB_PP
870
Transition Bit
RL =100Ω +1%, DEx, OSx = VCC
1085
Differential peak-to-peak Output
Transition Bit
Voltage
mV
RL =100Ω +1%, DEx=NC,
(VID = 800, 1200 mVpp, 5Gbps)
665
OSx = 0,1,NC Non-Transition Bit
RL =100Ω +1%, DEx=0,
VTXDIFF_NTB_PP
510
OSx = 0,1,NC Non-Transition Bit
RL =100Ω +1%, DEx=1
375
OSx = 0,1,NC Non-Transition Bit
–3.0
–3.5
–4.0
OS1,2 = NC (for OS1,2 = 1 and 0 see
De-Emphasis Level
–6.0
dB
Table 2)
–8.5
TDE
De-Emphasis Width
0.85
UI
Zdiff_TX
DC Differential Impedance
72
90
120
ZCM_TX
DC Common Mode Impedance
Measured w.r.t to AC ground over 0-500mV
18
23
30
f = 50 MHz – 1.25 GHz
9
10
RLdiff_TX
Differential Return Loss
dB
f = 1.25 GHz – 2.5 GHz
6
7
RLCM_TX
Common Mode Return Loss
f = 50 MHz – 2.5 GHz
11
12
dB
ITX_SC
TX short circuit current
TX± shorted to GND
60
mA
VTX_CM_DC
Transmitter DC common-mode voltage
2.0
2.6
3.0
V
VTX_CM_AC_Active
TX AC common mode voltage active
30
100
mVpp
Electrical idle differential peak to peak
VTX_idle_diff-AC-pp
HPF to remove DC
0
10
mV
output voltage
Absolute delta of DC CM voltage
VTX_CM_DeltaU1-U0
35
200
mV
during active and idle states
DC Electrical idle differential output
Voltage must be low pass filtered to remove
VTX_idle_diff-DC
0
10
mV
voltage
any AC component
Voltage change to allow receiver
Positive voltage to sense receiver
Vdetect
600
mV
detect
termination
tR,tF
Output Rise/Fall time
30
50
ps
20%-80% of differential voltage measure 1"
from the output pin
tRF_MM
Output Rise/Fall time mismatch
20
ps
De-Emphasis = –3.5dB (CH 0 and CH 1).
Tdiff_LH, Tdiff_HL
Differential Propagation Delay
Propagation delay between 50% level at
290
350
ps
input and output See Figure 5
tidleEntry tidleExit
Idle entry and exit times
See Figure 6
4
6
ns
CTX
Tx input capacitance to GND
At 2.5 GHz
1.25
pF
EQUALIZATION
TTX-EYE
(1) (2)
Total Jitter (Tj) at point A
0.14
0.5
DJTX
(2)
Deterministic Jitter (Dj)
Device setting: OS1 = L, DE1 = H, EQ1 = L
0.06
0.3
UIpp(3)
RJTX
(2) (4)
Random Jitter (Rj)
0.08
0.2
TTX-EYE
(1) (2)
Total Jitter (Tj) at point B
0.14
0.5
DJTX
(2)
Deterministic Jitter (Dj)
Device setting: OS2 = H, DE2 = H, EQ2 = L
0.06
0.3
UIpp(3)
RJTX
(2) (4)
Random Jitter (Rj)
0.08
0.2
(1)
Includes Rj at 10-12
(2)
Measured at the end of reference channel in Figure 8 with K28.5 pattern, VID=1000mVpp, 5Gbps, –3.5dB DE from source.
(3)
UI = 200ps
(4)
Rj calculated as 14.069 times the RMS random jitter for 10-12 BER
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65LVPE502


Similar Part No. - SN65LVPE502RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502RGER TI-SN65LVPE502RGER Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502RGER TI1-SN65LVPE502RGER Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com