Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5419AIZQWT Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430F5419AIZQWT
Description  MIXED SIGNAL MICROCONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5419AIZQWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F5419AIZQWT Datasheet HTML 4Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 5Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 6Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 7Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 8Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 9Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 10Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 11Page - Texas Instruments MSP430F5419AIZQWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
MSP430F543x, MSP430F541x
SLAS612C – AUGUST 2009 – REVISED MARCH 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
PN
General-purpose digital I/O
P4.6/TB0.6
49
52
I/O
TB0 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
General-purpose digital I/O
P4.7/TB0CLK/SMCLK
50
53
I/O
TB0 clock input
SMCLK output
General-purpose digital I/O
P5.4/UCB1SOMI/UCB1SCL
51
54
I/O
Slave out, master in – USCI_B1 SPI mode
I2C clock – USCI_B1 I2C mode
General-purpose digital I/O
Clock signal input – USCI_B1 SPI slave mode
P5.5/UCB1CLK/UCA1STE
52
55
I/O
Clock signal output – USCI_B1 SPI master mode
Slave transmit enable – USCI_A1 SPI mode
General-purpose digital I/O
P5.6/UCA1TXD/UCA1SIMO
53
56
I/O
Transmit data – USCI_A1 UART mode
Slave in, master out – USCI_A1 SPI mode
General-purpose digital I/O
P5.7/UCA1RXD/UCA1SOMI
54
57
I/O
Receive data – USCI_A1 UART mode
Slave out, master in – USCI_A1 SPI mode
General-purpose digital I/O
P7.2/TB0OUTH/SVMOUT
55
58
I/O
Switch all PWM outputs high impedance – Timer TB0
SVM output
General-purpose digital I/O
P7.3/TA1.2
56
59
I/O
TA1 CCR2 capture: CCI2B input, compare: Out2 output
General-purpose digital I/O
P8.0/TA0.0
57
60
I/O
TA0 CCR0 capture: CCI0B input, compare: Out0 output
General-purpose digital I/O
P8.1/TA0.1
58
61
I/O
TA0 CCR1 capture: CCI1B input, compare: Out1 output
General-purpose digital I/O
P8.2/TA0.2
59
62
I/O
TA0 CCR2 capture: CCI2B input, compare: Out2 output
General-purpose digital I/O
P8.3/TA0.3
60
63
I/O
TA0 CCR3 capture: CCI3B input, compare: Out3 output
General-purpose digital I/O
P8.4/TA0.4
61
64
I/O
TA0 CCR4 capture: CCI4B input, compare: Out4 output
VCORE(2)
62
49
Regulated core power supply output (internal use only, no external current loading)
DVSS2
63
50
Digital ground supply
DVCC2
64
51
Digital power supply
General-purpose digital I/O
P8.5/TA1.0
65
65
I/O
TA1 CCR0 capture: CCI0B input, compare: Out0 output
General-purpose digital I/O
P8.6/TA1.1
66
66
I/O
TA1 CCR1 capture: CCI1B input, compare: Out1 output
P8.7
67
N/A
I/O
General-purpose digital I/O
General-purpose digital I/O
Slave transmit enable – USCI_B2 SPI mode
P9.0/UCB2STE/UCA2CLK
68
N/A
I/O
Clock signal input – USCI_A2 SPI slave mode
Clock signal output – USCI_A2 SPI master mode
General-purpose digital I/O
P9.1/UCB2SIMO/UCB2SDA
69
N/A
I/O
Slave in, master out – USCI_B2 SPI mode
I2C data – USCI_B2 I2C mode
General-purpose digital I/O
P9.2/UCB2SOMI/UCB2SCL
70
N/A
I/O
Slave out, master in – USCI_B2 SPI mode
I2C clock – USCI_B2 I2C mode
(2)
VCORE is for internal use only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - MSP430F5419AIZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5419AIZQWT TI1-MSP430F5419AIZQWT Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5419AIZQWT TI1-MSP430F5419AIZQWT Datasheet
1Mb / 104P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5419AIZQWT TI1-MSP430F5419AIZQWT Datasheet
1Mb / 108P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5419AIZQWT TI-MSP430F5419AIZQWT Datasheet
3Mb / 118P
[Old version datasheet]   MSP430F543xA, MSP430F541xA Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5419AIZQWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com