Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSI45090DDT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSI45090DDT4G
Description  Adjustable Constant Current Regulator & LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSI45090DDT4G Datasheet(HTML) 5 Page - ON Semiconductor

  NSI45090DDT4G Datasheet HTML 1Page - ON Semiconductor NSI45090DDT4G Datasheet HTML 2Page - ON Semiconductor NSI45090DDT4G Datasheet HTML 3Page - ON Semiconductor NSI45090DDT4G Datasheet HTML 4Page - ON Semiconductor NSI45090DDT4G Datasheet HTML 5Page - ON Semiconductor NSI45090DDT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NSI45090DDT4G
http://onsemi.com
5
Comparison of LED Circuit using CCR vs. Resistor Biasing
ON Semiconductor CCR Design
Resistor Biased Design
Constant brightness over full Supply Voltage
(more efficient), see Figure 10
Large variations in brightness over full Automotive Supply Voltage
Little variation of power in LEDs, see Figure 11
Large variations of current (power) in LEDs
Constant current extends LED strings lifetime, see Figure 10
High Supply Voltage/ Higher Current in LED strings limits lifetime
Current decreases as voltage increases, see Figure 10
Current increases as voltage increases
Current supplied to LED string decreases as temperature
increases (self-limiting), see Figure 2
LED current decreases as temperature increases
Single resistor is used for current select
Requires costly inventory
(need for several resistor values to match LED intensity)
Fewer components, less board space required
More components, more board space required
Surface mount component
Through-hole components
Figure 10. Series Circuit Current
Figure 11. LED Power
Vin (V)
Vin (V)
16
15
14
13
12
11
10
9
40
60
80
120
0
20
15
16
14
13
12
11
10
9
100
200
300
400
TA = 25°C
Circuit Current with
CCR Device
Circuit Current
with 83.3 W
Representative Test Data
for Figure 8 Circuit, Current
of LEDs, FR−4 @ 300 mm2,
2 oz Copper Area
500
TA = 25°C
LED Power with
CCR Device
LED Power
with 83.3 W
Representative Test Data
for Figure 8 Circuit, Pd of
LEDs, FR−4 @ 300 mm2,
2 oz Copper Area
0
600
700
100
800
140
Current Regulation: Pulse Mode (Ireg(P)) vs DC
Steady-State (Ireg(SS))
There are two methods to measure current regulation:
Pulse mode (Ireg(P)) testing is applicable for factory and
incoming inspection of a CCR where test times are a
minimum. (t < 300
ms). DC Steady-State (Ireg(SS)) testing
is applicable for application verification where the CCR will
be operational for seconds, minutes, or even hours. ON
Semiconductor has correlated the difference in Ireg(P) to
Ireg(SS) for stated board material, size, copper area and
copper thickness. Ireg(P) will always be greater than Ireg(SS)
due to the die temperature rising during Ireg(SS). This heating
effect can be minimized during circuit design with the
correct selection of board material, metal trace size and
weight, for the operating current, voltage, board operating
temperature (TA) and package. (Refer to Thermal
Characteristics table).


Similar Part No. - NSI45090DDT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45090JD ONSEMI-NSI45090JD Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
More results

Similar Description - NSI45090DDT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
   Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45035JZT1G ONSEMI-NSI45035JZT1G Datasheet
126Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45090JD ONSEMI-NSI45090JD Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com