Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2131IRSA16R Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2131IRSA16R
Description  MIXED SIGNAL MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2131IRSA16R Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430G2131IRSA16R Datasheet HTML 2Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 3Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 4Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 5Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 6Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 7Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 8Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 9Page - Texas Instruments MSP430G2131IRSA16R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MSP430G2x31
MSP430G2x21
SLAS694C – FEBRUARY 2010 – REVISED JULY 2010
www.ti.com
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
14
16
N, PW
RSA
P1.0/
General-purpose digital I/O pin
TA0CLK/
Timer0_A, clock signal TACLK input
2
1
I/O
ACLK/
ACLK signal output
A0
ADC10 analog input A0(1)
P1.1/
General-purpose digital I/O pin
TA0.0/
3
2
I/O
Timer0_A, capture: CCI0A input, compare: Out0 output
A1
ADC10 analog input A1(1)
P1.2/
General-purpose digital I/O pin
TA0.1/
4
3
I/O
Timer0_A, capture: CCI1A input, compare: Out1 output
A2
ADC10 analog input A2(1)
P1.3/
General-purpose digital I/O pin
ADC10CLK/
ADC10, conversion clock output(1)
5
4
I/O
A3/
ADC10 analog input A3(1)
VREF-/VEREF
ADC10 negative reference voltage(1)
P1.4/
General-purpose digital I/O pin
SMCLK/
SMCLK signal output
A4/
6
5
I/O
ADC10 analog input A4(1)
VREF+/VEREF+/
ADC10 positive reference voltage(1)
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer0_A, compare: Out0 output
A5/
7
6
I/O
ADC10 analog input A5(1)
SCLK/
USI: clock input in I2C mode; clock input/output in SPI mode
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer0_A, compare: Out1 output
A6/
ADC10 analog input A6(1)
8
7
I/O
SDO/
USI: Data output in SPI mode
SCL/
USI: I2C clock in I2C mode
TDI/TCLK
JTAG test data input or test clock input during programming and test
P1.7/
General-purpose digital I/O pin
A7/
ADC10 analog input A7(1)
SDI/
9
8
I/O
USI: Data input in SPI mode
SDA/
USI: I2C data in I2C mode
TDO/TDI(2)
JTAG test data output terminal or test data input during programming and test
XIN/
Input terminal of crystal oscillator
P2.6/
13
12
I/O
General-purpose digital I/O pin
TA0.1
Timer0_A, compare: Out1 output
XOUT/
Output terminal of crystal oscillator(3)
12
11
I/O
P2.7
General-purpose digital I/O pin
RST/
Reset
NMI/
10
9
I
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is connected to TEST.
11
10
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
15, 16
NA
Supply voltage
DVSS
14
13, 14
NA
Ground reference
QFN Pad
-
Pad
NA
QFN package pad connection to VSS recommended.
(1)
MSP430G2x31 only
(2)
TDO or TDI is selected via JTAG instruction.
(3)
If XOUT/P2.7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - MSP430G2131IRSA16R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2131IRSA16R TI-MSP430G2131IRSA16R Datasheet
1Mb / 61P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2131IRSA16R TI-MSP430G2131IRSA16R Datasheet
1Mb / 55P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2131IRSA16R TI-MSP430G2131IRSA16R Datasheet
1Mb / 55P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2131IRSA16R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com