Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH-2424D Datasheet(PDF) 1 Page - Recom International Power

Part # RH-2424D
Description  1Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RH-2424D Datasheet(HTML) 1 Page - Recom International Power

  RH-2424D Datasheet HTML 1Page - Recom International Power RH-2424D Datasheet HTML 2Page - Recom International Power RH-2424D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
38
www.recom-international.com
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(4kV)
(VDC)
(VDC)
(mA)
(%)
RK-xx1.8S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RK-xx3.3S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RK-xx05S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RK-xx09S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
9
111
76-79
RK-xx12S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
12
84
78-79
RK-xx15S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-82
RK-xx24S
(H)
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-83
RH-xx1.8D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
70
RH-xx3.3D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RH-xx05D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
74-78
RH-xx09D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
76-79
RH-xx12D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±12
±42
80-82
RH-xx15D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
80-84
RH-xx24D
(H)
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
Single output types
100mVp-p max.
Dual output types
±75mVp-p max.
Operating Frequency
RK types
50kHz min. / 100kHz typ. / 105kHz max.
RH types
57kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
RK types
101mW min. / 126mW typ. / 171mW max.
RH types
87mW min. / 130mW typ. / 190mW max.
Isolation Voltage
(tested for 1 second)
3.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
4.000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes.
Isolation Capacitance
RK types
20pF min. / 75pF max.
RH types
20pF min. / 65pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
continued on next page
1 Watt
SIP7
Single &
&
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RK &
&
RH
Series
Safety standards and approval:
EN 60950 certified, rated for 250VAC
(LVD test report)
Power Sharing on Dual Output
3kVDC & 4kVDC Isolation
Custom Solutions Available
UL94V-0 Package Material
Efficiency to 84%
Features
Unregulated
Converters


Similar Part No. - RH-2424D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RH-2405D/H6 RECOM-RH-2405D/H6 Datasheet
320Kb / 4P
   1 Watt SIP7 Single and Dual Output
RH-2412D/H6 RECOM-RH-2412D/H6 Datasheet
320Kb / 4P
   1 Watt SIP7 Single and Dual Output
RH-2415D/H6 RECOM-RH-2415D/H6 Datasheet
320Kb / 4P
   1 Watt SIP7 Single and Dual Output
RH-243.3D/H6 RECOM-RH-243.3D/H6 Datasheet
320Kb / 4P
   1 Watt SIP7 Single and Dual Output
More results

Similar Description - RH-2424D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
   2 Watt SIP7 Single & Dual Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
   2 Watt SIP7 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com