Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500002FB Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 500002FB
Description  0.5mm PITCH BOARD TO BOARD CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

500002FB Datasheet(HTML) 1 Page - SUYIN USA, INC.

  500002FB Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
256
Mobile
B TO B
Specifications:
Insulator Material
: Black High Temp. Plastic
: 0.5A
: 60V AC
: 500V AC For 60 Seconds
Operating Type Range
Terminal Material
Platings
Max. Current Rating
Max. Voltage Rating
Dielectric Strength
Order Information
0.5mm PITCH BOARD TO BOARD CONNECTOR
500002FB Series
Match with 500001MB Series
: Phos. Bronze
: Contact-Selective Gold
Plated or Full Gold Plated
Recommended P.C.B. Layout
12
3
4 5
1. 'B' : Right Angle SMT Type
2. No. of Pins.
3. Plating
4. Color 'Z' : Black
5. Package
'R' : Reel Package With Cap
Reference Page 11


Similar Part No. - 500002FB

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
500001MB SUYIN-USA-500001MB Datasheet
161Kb / 1P
   0.50mm PITCH BOARD TO BOARD VERTICAL SMD TYPE
More results

Similar Description - 500002FB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com