Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5248B Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1N5248B
Description  500mW 5% DO-35 ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N5248B Datasheet(HTML) 2 Page - Rectron Semiconductor

  1N5248B Datasheet HTML 1Page - Rectron Semiconductor 1N5248B Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
)
V
(
z
Vt
z
I)
A
m
(
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
0
A
m
(
t
z
I
)
s
m
h
o
(
z
R
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
A
m
5
2
.
0
=
t
z
I
)
s
m
h
o
(
z
R
M
U
M
I
X
A
M
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
.
P
M
E
T
.
F
F
E
O
C
z
v
d
/
%
(
o
)
C
B
6
3
2
5
N
10
2
5
.
70
2
60
0
50
.
3
0
.
68
5
0
.
0
+
B
7
3
2
5
N
10
2
2
.
80
2
80
0
50
.
3
5
.
62
6
0
.
0
+
B
8
3
2
5
N
10
2
7
.
80
2
80
0
60
.
3
5
.
65
6
0
.
0
+
B
9
3
2
5
N
10
2
1
.
90
2
0
10
0
60
.
3
0
.
78
6
0
.
0
+
B
0
4
2
5
N
10
2
0
10
2
7
10
0
60
.
3
0
.
85
7
0
.
0
+
B
1
4
2
5
N
10
2
1
10
2
2
20
0
60
.
2
4
.
86
7
0
.
0
+
B
2
4
2
5
N
10
2
2
10
2
0
30
0
60
.
1
1
.
97
7
0
.
0
+
B
3
4
2
5
N
15
.
9
3
15
.
9
3
10
0
65
.
0
9
.
99
7
0
.
0
+
B
4
4
2
5
N
10
.
9
4
10
.
9
5
10
0
61
.
0
0
12
8
0
.
0
+
B
5
4
2
5
N
15
.
8
5
15
.
8
6
10
0
61
.
0
1
12
8
0
.
0
+
B
6
4
2
5
N
18
.
7
6
18
.
7
7
10
0
61
.
0
2
13
8
0
.
0
+
B
7
4
2
5
N
14
.
7
7
14
.
7
9
10
0
61
.
0
3
14
8
0
.
0
+
B
8
4
2
5
N
10
.
7
8
10
.
7
1
20
0
61
.
0
4
15
8
0
.
0
+
B
9
4
2
5
N
16
.
6
9
16
.
6
3
20
0
61
.
0
4
16
8
0
.
0
+
B
0
5
2
5
N
12
.
6
0
22
.
6
5
20
0
61
.
0
5
16
8
0
.
0
+
B
1
5
2
5
N
16
.
5
2
26
.
5
9
20
0
61
.
0
7
17
8
0
.
0
+
B
2
5
2
5
N
12
.
5
4
22
.
5
3
30
0
61
.
0
8
18
8
0
.
0
+
B
3
5
2
5
N
10
.
5
5
20
.
5
5
30
0
61
.
0
9
19
8
0
.
0
+
B
4
5
2
5
N
16
.
4
7
26
.
4
1
40
0
61
.
0
1
20
9
0
.
0
+
B
5
5
2
5
N
15
.
4
8
25
.
4
4
40
0
61
.
0
1
21
9
0
.
0
+
B
6
5
2
5
N
12
.
4
0
32
.
4
9
40
0
61
.
0
3
21
9
0
.
0
+
B
7
5
2
5
N
18
.
3
3
38
.
3
8
50
0
71
.
0
5
22
9
0
.
0
+
B
8
5
2
5
N
14
.
3
6
34
.
3
0
70
0
71
.
0
7
23
9
0
.
0
+
B
9
5
4
2
5
N
12
.
3
9
32
.
3
0
80
0
81
.
0
0
34
9
0
.
0
+
B
0
6
2
5
N
10
.
3
3
40
.
3
3
90
0
91
.
0
3
35
9
0
.
0
+
B
1
6
2
5
N
17
.
2
7
47
.
2
5
0
10
0
0
11
.
0
6
35
9
0
.
0
+
Notes:
1. The Electrical characteristics are measured after allowinh the device to stabilize for 20 sec. when mounted
with a 3/8” minimum lead length from the case.
2. Temperature Coefficient (dvz)
a. Izt= 7.5ma, T1= 25oC, T2= 125oC (1N5223B - 1N5242B)
b. Izt= rated Izt, T1= 25oC, T2= 125oC (1N5243B - 1N5261B)
Electrical Characteristics (Ta=25oC)


Similar Part No. - 1N5248B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5248B VISHAY-1N5248B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5248B MCC-1N5248B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5248B VISHAY-1N5248B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Pan Jit International I...
1N5248B PANJIT-1N5248B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
logo
Vishay Siliconix
1N5248B VISHAY-1N5248B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Similar Description - 1N5248B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5221B MOTOROLA-1N5221B Datasheet
441Kb / 9P
   500mW DO-35 GLASS
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
logo
Rectron Semiconductor
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com