Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOSC107M004-0070 Datasheet(PDF) 2 Page - AVX Corporation

Part # NOSC107M004-0070
Description  OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSC107M004-0070 Datasheet(HTML) 2 Page - AVX Corporation

  NOSC107M004-0070 Datasheet HTML 1Page - AVX Corporation NOSC107M004-0070 Datasheet HTML 2Page - AVX Corporation NOSC107M004-0070 Datasheet HTML 3Page - AVX Corporation NOSC107M004-0070 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
83
Capacitance
Rated Voltage DC (VR) to 85°C / 0.66 DC to 105ºC / 0.5 DC to 125ºC
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.3V (J)
4.7
475
6.8
685
10
106
A(800, 1000,
2000)
15
156
A(1500)
B(600)
22
226
A(900)
B(600)
B(600)
B(600)
33
336
B(600)
C(500)
W(250)
B(500)
B(500)
47
476
B(500)
C(300)
C(300)
W(150)
C(200)
C(75,200)
68
686
W(150)
C(200)
X(100)
Y(100)
B(350)
C(70,150)
C(150)
100
107
C(150)
X(100)
D(80,100)
W(150)
Y(100)
150
157
C(65,150)
C(90,150)
D(50,70,100)
X(100)
Y(100)
Y(100)
220
227
C(125)
C(80,125)
D(40,60,100)
D(45,60,100)
X(100)
Y(100)
Y(100)
E(80,100)
330
337
D(35,50,100)
D(35,55,100)
E(80,100)
Y(100)
Y(100)
E(100)/Y(150)
470
477
D(35,55,100)
D(100)
V(75)
Y(100)
E(100)
E(75,100)
680
687
V(75)
E(60)
1000
108
V(50)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
NON-BURN
NON-SMOKE
LEAD-FREE COMPATIBLE
COMPONENT
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - NOSC107M004-0070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOSC107M004R0070 AVX-NOSC107M004R0070 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSC107M004R0150 AVX-NOSC107M004R0150 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSC107M004R0400 AVX-NOSC107M004R0400 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSC107M004S0070 AVX-NOSC107M004S0070 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOSC107M004S0150 AVX-NOSC107M004S0150 Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
More results

Similar Description - NOSC107M004-0070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NOME337M006R0023 AVX-NOME337M006R0023 Datasheet
137Kb / 3P
   OxiCap짰 NOM Low ESR Multianodes
NBME687M001CSB07 AVX-NBME687M001CSB07 Datasheet
119Kb / 3P
   OxiCap짰 Ultra Low ESR Capacitor COTS-Plus Weibull Grade
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com