Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2F702YFKR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPD2F702YFKR
Description  TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2F702YFKR Datasheet(HTML) 2 Page - Texas Instruments

  TPD2F702YFKR Datasheet HTML 1Page - Texas Instruments TPD2F702YFKR Datasheet HTML 2Page - Texas Instruments TPD2F702YFKR Datasheet HTML 3Page - Texas Instruments TPD2F702YFKR Datasheet HTML 4Page - Texas Instruments TPD2F702YFKR Datasheet HTML 5Page - Texas Instruments TPD2F702YFKR Datasheet HTML 6Page - Texas Instruments TPD2F702YFKR Datasheet HTML 7Page - Texas Instruments TPD2F702YFKR Datasheet HTML 8Page - Texas Instruments TPD2F702YFKR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R = 15 W
GND
Ch_Out
Ch_In
IEC 61000-4-2
(Level 4) ESD
IEC 61000-4-2
(Level 1) ESD
C1 =
30 pF
C2 =
5000 pF
TPD2F702
SLLS986A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
WCSP – YFK
Tape and reel
TPD2F702YFKR
5V
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
SCHEMATIC
(One of Two Channels)
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
Continuous IO voltage
–5.5
5.5
V
Total power dissipation
200
mW
TA
Characterized free-air operating temperature range
–40
85
°C
Reflow temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIO
Continuous IO voltage
–5
5
V
ESD RATINGS
ESD TYPE
TERMINAL
TYP
UNIT
Input
±4
IEC 61000-4-2 Contact Discharge
kV
Output
±30
Input
±4
IEC 61000-4-2 Air-Gap Discharge
kV
Output
±30
Input
±15
Human-Body Model
kV
Output
±15
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD2F702


Similar Part No. - TPD2F702YFKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2F702YFKR TI-TPD2F702YFKR Datasheet
166Kb / 6P
[Old version datasheet]   TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702YFKR TI-TPD2F702YFKR Datasheet
228Kb / 7P
[Old version datasheet]   TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
More results

Similar Description - TPD2F702YFKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2F702_1003 TI-TPD2F702_1003 Datasheet
228Kb / 7P
[Old version datasheet]   TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
TPD2F702 TI-TPD2F702 Datasheet
166Kb / 6P
[Old version datasheet]   TWO-CHANNEL EMI FILTER FOR AUDIO SPEAKER/AVIF CONNECTOR
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG_11 Datasheet
198Kb / 5P
   2 Channel Headset Speaker EMI Filter
May, 2011 ??Rev. 4
logo
California Micro Device...
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CM1411 ONSEMI-CM1411 Datasheet
208Kb / 9P
   2-Channel Headset/Speaker EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
STMicroelectronics
EMIF02-SPK01M6 STMICROELECTRONICS-EMIF02-SPK01M6 Datasheet
165Kb / 11P
   2-line IPAD?? EMI filter and ESD protection for speaker
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
   Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
STMicroelectronics
EMIF05-AUD02F3 STMICROELECTRONICS-EMIF05-AUD02F3 Datasheet
288Kb / 8P
   EMI filter and ESD protection for audio interface
December 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com