Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22922B Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS22922B
Description  LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22922B Datasheet(HTML) 5 Page - Texas Instruments

  TPS22922B Datasheet HTML 1Page - Texas Instruments TPS22922B Datasheet HTML 2Page - Texas Instruments TPS22922B Datasheet HTML 3Page - Texas Instruments TPS22922B Datasheet HTML 4Page - Texas Instruments TPS22922B Datasheet HTML 5Page - Texas Instruments TPS22922B Datasheet HTML 6Page - Texas Instruments TPS22922B Datasheet HTML 7Page - Texas Instruments TPS22922B Datasheet HTML 8Page - Texas Instruments TPS22922B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
VIN = 0.9 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1)
MAX
UNIT
VIN = 1-V
Full
30
120
IIN
Quiescent current
IOUT = 0
VIN = 1.8-V
Full
78
235
nA
VIN = 3.6-V
Full
200
880
VIN = 1-V
Full
10
210
OFF-state supply
VON = GND, OUT =
IIN(OFF)
VIN = 1.8-V
Full
35
260
nA
current
Open
VIN = 3.6-V
Full
120
700
VIN = 1-V
Full
12
140
OFF-state switch
IIN(LEAKAGE)
VON = GND, VOUT = 0 VIN = 1.8-V
Full
50
230
nA
current
VIN = 3.6-V
Full
130
610
25°C
14
45
VIN = 3.6 V
Full
50
25°C
20
55
VIN = 2.5 V
Full
60
25°C
33
65
VIN = 1.8 V
Full
75
rON
ON-state resistance
IOUT = –200 mA,
m
25°C
67
100
VIN = 1.2 V
Full
120
25°C
82
150
VIN = 1.1 V
Full
160
25°C
116
160
VIN = 1.0 V
Full
170
Output pulldown
VIN = 3.3 V, VON = 0, IOUT = 30 mA
rPD
25°C
65
120
resistance
(TPS22922/TPS22922B only)
ON input leakage
VON = 1.1 V to 3.6 V
ION
Full
25
nA
current
or GND
(1)
Typical values are at the specified VIN and TA = 25°C.
VIN = 0.9 V, TA = 25°C (unless otherwise noted)
TPS22921
TPS22922(1)
TPS22922B(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
CL = 0.1 µF
121
121
638
tON
Turn-ON time
RL = 500 Ω,
CL = 1 µF
160
160
712
µs
CL = 3 µF
188
188
799
CL = 0.1 µF
46
40
40
tOFF
Turn-OFF time
RL = 500 Ω,
CL = 1 µF
308
279
279
µs
CL = 3 µF
975
807
807
CL = 0.1 µF
60
60
462
tr
VOUT rise time
RL = 500 Ω,
CL = 1 µF
85
85
465
µs
CL = 3 µF
107
107
507
CL = 0.1 µF
119
51
51
tf
VOUT fall time
RL = 500 Ω,
CL = 1 µF
969
434
434
µs
CL = 3 µF
3174
1264
1264
(1)
RL_CHIP = 120
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22921 TPS22922 TPS22922B


Similar Part No. - TPS22922B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22922B TI-TPS22922B Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22922BYFPR TI-TPS22922BYFPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYFPR TI-TPS22922BYFPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22922BYZPR TI-TPS22922BYZPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYZPR TI-TPS22922BYZPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
More results

Similar Description - TPS22922B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com