Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22949AYZPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22949AYZPR
Description  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22949AYZPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22949AYZPR Datasheet HTML 4Page - Texas Instruments TPS22949AYZPR Datasheet HTML 5Page - Texas Instruments TPS22949AYZPR Datasheet HTML 6Page - Texas Instruments TPS22949AYZPR Datasheet HTML 7Page - Texas Instruments TPS22949AYZPR Datasheet HTML 8Page - Texas Instruments TPS22949AYZPR Datasheet HTML 9Page - Texas Instruments TPS22949AYZPR Datasheet HTML 10Page - Texas Instruments TPS22949AYZPR Datasheet HTML 11Page - Texas Instruments TPS22949AYZPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.5
2.5
3.5
4.5
5.5
Input Voltage, V
(V)
IN
V = 2.5 V
+
V = 4.5 V
+
V = 3.3 V
+
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
–10
25
55
85
Temperature, T (°C)
A
V
= 1.8 V
IN
V
= 3.6 V
V
= 4.5 V
V
= 5 V
IN
IN
IN
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Input Voltage, V
(V)
IN
–150
–130
–110
–90
–70
–50
–30
Input Voltage, V
(V)
IN
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–95
–94
–93
–92
–91
–90
–89
–88
–87
–86
–85
TPS22949
TPS22949A
SLVS908C – FEBRUARY 2009 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3. ON-State Resistance vs Input Voltage, TA = 25°C
Figure 4. ON-State Resistance vs Temperature, V+ = 5.5 V
Figure 5. Ground Pin Current vs Input Voltage V+ = 5.5 V
Figure 6. Ground Pin Current vs Input Voltage, V+ = 3.3 V
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS22949 TPS22949A


Similar Part No. - TPS22949AYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949AYZPR TI-TPS22949AYZPR Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results

Similar Description - TPS22949AYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com