Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10505TZ-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMZ10505TZ-ADJ
Description  5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ10505TZ-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMZ10505TZ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LMZ10505TZ-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TABLE 1. Recommended Output Filter Capacitors
C
O (µF)
Voltage (V), R
ESR (mΩ)
Make
Manufacturer
Part Number
Case Size
22
6.3, < 5
Ceramic, X5R
TDK
C3216X5R0J226M
1206
47
6.3, < 5
Ceramic, X5R
TDK
C3216X5R0J476M
1206
47
6.3, < 5
Ceramic, X5R
TDK
C3225X5R0J476M
1210
47
10.0, < 5
Ceramic, X5R
TDK
C3225X5R1A476M
1210
100
6.3, < 5
Ceramic, X5R
TDK
C3225X5R0J107M
1210
100
6.3, 50
Tantalum
AVX
TPSD157M006#0050
D, 7.5 x 4.3 x 2.9 mm
100
6.3, 25
Organic Polymer
Sanyo
6TPE100MPB2
B2, 3.5 x 2.8 x 1.9 mm
150
6.3, 18
Organic Polymer
Sanyo
6TPE150MIC2
C2, 6.0 x 3.2 x 1.8 mm
330
6.3, 18
Organic Polymer
Sanyo
6TPE330MIL
D3L, 7.3 x 4.3 x 2.8 mm
470
6.3, 23
Niobium Oxide
AVX
NOME37M006#0023
E, 7.3 x 4.3 x 4.1 mm
Output Voltage Setting
A resistor divider network from V
OUT to the FB pin determines
the desired output voltage as follows:
R
fbt is defined based on the voltage loop requirements and
R
fbb is then selected for the desired output voltage. Resistors
are normally selected as 0.5% or 1% tolerance. Higher accu-
racy resistors such as 0.1% are also available.
The feedback voltage (at V
OUT = 2.5V) is accurate to within
-2.5% / +2.5% over temperature and over line and load reg-
ulation. Additionally, the LMZ10505 contains error nulling
circuitry to substantially eliminate the feedback voltage vari-
ation over temperature as well as the long term aging effects
of the internal amplifiers. In addition the zero nulling circuit
dramatically reduces the 1/f noise of the bandgap amplifier
and reference. The manifestation of this circuit action is that
the duty cycle will have two slightly different but distinct op-
erating points, each evident every other switching cycle.
Loop Compensation
The LMZ10505 preserves flexibility by integrating the control
components around the internal error amplifier while utilizing
three small external compensation components from V
OUT to
FB. An integrated type II (two pole, one zero) voltage-mode
compensation network is featured. To ensure stability, an ex-
ternal resistor and small value capacitor can be added across
the upper feedback resistor as a pole-zero pair to complete a
type III (three pole, two zero) compensation network. The
compensation components recommended in Table 2 provide
type III compensation at an optimal control loop performance.
The typical phase margin is 45° with a bandwidth of 80 kHz.
Calculated output capacitance values not listed in Table 2
should be verified before designing into production. A detailed
application note is available to provide verification support,
AN-2013. In general, calculated output capacitance values
below the suggested value will have reduced phase margin
and higher control loop bandwidth. Output capacitance val-
ues above the suggested values will experience a lower
bandwidth and increased phase margin. Higher bandwidth is
associated with faster system response to sudden changes
such as load transients. Phase margin changes the charac-
teristics of the response. Lower phase margin is associated
with underdamped ringing and higher phase margin is asso-
ciated with overdamped response. Losing all phase margin
will cause the system to be unstable; an optimized area of
operation is 30° to 60° of phase margin, with a bandwidth of
100 kHz ±20 kHz.
30107408
TABLE 2. LMZ10505 Compensation Component Values
V
IN
(V)
C
O (µF)
ESR (m
Ω)
R
fbt
(k
Ω)
C
comp
(pF)
R
comp
(k
Ω)
Min
Max
5.0
22
2
20
200
27
1.5
47
2
20
124
56
1.4
100
1
10
82.5
120
1
150
1
5
63.4
180
1.21
150
10
25
63.4
220
16.5
150
26
50
44.2
220
23.7
220
15
30
63.4
220
23.7
220
31
60
76.8
220
57.6
3.3
22
2
20
118
39
9.09
47
2
20
76.8
82
8.45
100
1
10
49.9
180
4.12
150
1
5
40.2
330
2.0
150
10
25
43.2
330
11.5
150
26
50
49.9
270
25.5
220
15
30
40.2
390
15.4
220
31
60
48.7
330
35.7
Note: In the special case where the output voltage is 0.8V, it is recom-
mended to remove R
fbb and keep Rfbt, Rcomp, and Ccomp for a type III
compensation.
11
www.national.com


Similar Part No. - LMZ10505TZ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10505TZ-ADJ NSC-LMZ10505TZ-ADJ Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505TZ-ADJ TI1-LMZ10505TZ-ADJ Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505TZ-ADJ/NOPB TI-LMZ10505TZ-ADJ/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
More results

Similar Description - LMZ10505TZ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505TZ-ADJ TI1-LMZ10505TZ-ADJ Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ10503 TI-LMZ10503 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10503 3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com