Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P15IRGCR Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS62P15IRGCR
Description  Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P15IRGCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS62P15IRGCR Datasheet HTML 5Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 6Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 7Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 8Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 9Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 10Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 11Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 12Page - Texas Instruments ADS62P15IRGCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
TIMING REQUIREMENTS – LVDS AND CMOS MODES
(1)
ADS62P15
www.ti.com .................................................................................................................................................... SLAS572B – OCTOBER 2007 – REVISED APRIL 2009
Typical values are at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD
= 3.3V, DRVDD = 1.8V to 3.3V, sampling frequency = 125MSPS, sine wave input clock, 3VPP clock amplitude, CLOAD = 5pF
(2), Io = 3.5mA, R
LOAD = 100Ω
(3), no internal termination, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
0.8
1.8
2.8
ns
| ta1 - ta2 | , Channel-to-channel within the same device
50
Aperture delay matching
ps
| ta1 - ta2 | , Channel-to-channel across two devices at same
450
temperature
tj
Aperture jitter
130
fs rms
from global power down
15
50
µs
from channel standby
100
200
ns
Wake-up time
to valid output data
from output buffer disable
CMOS
100
200
ns
LVDS
200
500
ns
clock
default, after reset
14
cycles
clock
Latency
in low latency mode
10
cycles
clock
with decimation filter enabled
15
cycles
DDR LVDS MODE(4) DRVDD = 3.3V
tsu
Data setup time(5)
Data valid (6) to zero-crossing of CLKOUTP
0.6
1.5
ns
th
Data hold time(5)
Zero-crossing of CLKOUTP to data becoming invalid(6)
1.0
2.3
ns
Input clock rising edge cross-over to output clock rising edge
tPDI
Clock propagation delay
cross-over
3.5
5.5
7.5
ns
20 MSPS
≤ Sampling frequency ≤ 125 MSPS
LVDS bit clock duty
Duty cycle of differential clock, (CLKOUTP-CLKOUTM)
46%
49%
52%
cycle
10 MSPS
≤ Sampling frequency ≤ 125 MSPS
Rise time measured from –100 mV to +100 mV
tRISE
Data rise time
70
110
170
ps
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
Fall time measured from +100mV to –100 mV
tFALL
Data fall time
70
110
170
ps
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
Rise time measured from –100mV to +100mV
tCLKRISE
Output clock rise time
70
110
170
ps
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
Fall time measured from +100mV to –100mV
tCLKFALL
Output clock fall time
70
110
170
ps
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
PARALLEL CMOS MODE DRVDD = 2.5V to 3.3V
tsu
Data setup time(5)
Data valid(7) to 50% of CLKOUT rising edge
2.0
3.5
ns
th
Data hold time (5)
50% of CLKOUT rising edge to data becoming invalid(7)
2.0
3.5
ns
50% of input clock rising edge to 50% of CLKOUT rising edge
tPDI
Clock propagation delay
5.8
7.3
8.8
ns
20 MSPS
≤ Sampling frequency ≤ 125 MSPS
Duty cycle of output clock, CLKOUT
Output clock duty cycle
45%
53%
60%
10 MSPS
≤ Sampling frequency ≤ 125 MSPS
Rise time measured from 20% to 80% of DRVDD
tRISE
Data rise time
0.7
1.5
2.5
ns
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
Fall time measured from 80% to 20% of DRVDD
tFALL
Data fall time
0.7
1.5
2.5
ns
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
Rise time measured from 20% to 80% of DRVDD
tCLKRISE
Output clock rise time
0.7
1.5
2.5
ns
1 MSPS
≤ Sampling frequency ≤ 125 MSPS
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground
(3)
IO refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
(4)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to LOGIC HIGH of +100.0 mV and LOGIC LOW of –100.0mV.
(7)
Data valid refers to LOGIC HIGH of 2V (1.7V) and LOGIC LOW of 0.8V (0.7V) for DRVDD = 3.3V (2.5V)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS62P15


Similar Part No. - ADS62P15IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15IRGCR TI-ADS62P15IRGCR Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCR TI-ADS62P15IRGCR Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCRG4 TI-ADS62P15IRGCRG4 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGCRG4 TI-ADS62P15IRGCRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P15IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com