Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3671LCX-1.6 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3671LCX-1.6
Description  2MHz, 600mA Step-Down DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671LCX-1.6 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3671LCX-1.6 Datasheet HTML 1Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 2Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 3Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 4Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 5Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 6Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 7Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 8Page - National Semiconductor (TI) LM3671LCX-1.6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Ordering Information (SOT23-5)
Voltage Option
Order Number
Spec
Package Marking
Supplied As
ADJ
LM3671MF-ADJ
NOPB
SBTB
1000 units, Tape-and-Reel
LM3671MFX-ADJ
NOPB
3000 units, Tape-and-Reel
LM3671MF-ADJ
1000 units, Tape-and-Reel
LM3671MFX-ADJ
3000 units, Tape-and-Reel
1.2
LM3671MF-1.2
NOPB
SBPB
1000 units, Tape-and-Reel
LM3671MFX-1.2
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.2
1000 units, Tape-and-Reel
LM3671MFX-1.2
3000 units, Tape-and-Reel
1.25
LM3671MF-1.25
NOPB
SDRB
1000 units, Tape-and-Reel
LM3671MFX-1.25
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.25
1000 units, Tape-and-Reel
LM3671MFX-1.25
3000 units, Tape-and-Reel
1.375
LM3671MF-1.375
NOPB
SEDB
1000 units, Tape-and-Reel
LM3671MFX-1.375
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.375
1000 units, Tape-and-Reel
LM3671MFX-1.375
3000 units, Tape-and-Reel
1.5
LM3671MF-1.5
NOPB
SBRB
1000 units, Tape-and-Reel
LM3671MFX-1.5
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.5
1000 units, Tape-and-Reel
LM3671MFX-1.5
3000 units, Tape-and-Reel
1.6
LM3671MF-1.6
NOPB
SDUB
1000 units, Tape-and-Reel
LM3671MFX-1.6
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.6
1000 units, Tape-and-Reel
LM3671MFX-1.6
3000 units, Tape-and-Reel
1.8
LM3671MF-1.8
NOPB
SBSB
1000 units, Tape-and-Reel
LM3671MFX-1.8
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.8
1000 units, Tape-and-Reel
LM3671MFX-1.8
3000 units, Tape-and-Reel
1.875
LM3671MF-1.875
NOPB
SDVB
1000 units, Tape-and-Reel
LM3671MFX-1.875
NOPB
3000 units, Tape-and-Reel
LM3671MF-1.875
1000 units, Tape-and-Reel
LM3671MFX-1.875
3000 units, Tape-and-Reel
2.5
LM3671MF-2.5
NOPB
SJRB
1000 units, Tape-and-Reel
LM3671MFX-2.5
NOPB
3000 units, Tape-and-Reel
LM3671MF-2.5
1000 units, Tape-and-Reel
LM3671MFX-2.5
3000 units, Tape-and-Reel
2.8
LM3671MF-2.8
NOPB
SJSB
1000 units, Tape-and-Reel
LM3671MFX-2.8
NOPB
3000 units, Tape-and-Reel
LM3671MF-2.8
1000 units, Tape-and-Reel
LM3671MFX-2.8
3000 units, Tape-and-Reel
3.3
LM3671MF-3.3
NOPB
SJEB
1000 units, Tape-and-Reel
LM3671MFX-3.3
NOPB
3000 units, Tape-and-Reel
LM3671MF-3.3
1000 units, Tape-and-Reel
LM3671MFX-3.3
3000 units, Tape-and-Reel
www.national.com
4


Similar Part No. - LM3671LCX-1.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3671LCX-1.6/NOPB TI1-LM3671LCX-1.6/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671LCX-1.6/NOPB TI1-LM3671LCX-1.6/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671LCX-1.6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com