Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA369AIDCKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369AIDCKT
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369AIDCKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA369AIDCKT Datasheet HTML 4Page - Texas Instruments OPA369AIDCKT Datasheet HTML 5Page - Texas Instruments OPA369AIDCKT Datasheet HTML 6Page - Texas Instruments OPA369AIDCKT Datasheet HTML 7Page - Texas Instruments OPA369AIDCKT Datasheet HTML 8Page - Texas Instruments OPA369AIDCKT Datasheet HTML 9Page - Texas Instruments OPA369AIDCKT Datasheet HTML 10Page - Texas Instruments OPA369AIDCKT Datasheet HTML 11Page - Texas Instruments OPA369AIDCKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
160
140
120
100
80
60
40
20
0
Frequency(Hz)
100
10k
1k
100k
20
18
16
14
12
10
8
6
4
2
0
CapacitiveLoad(pF)
10
100
G=+1
G= 1
-
Time(100 s/div)
m
C =20pF
L
Time(250 s/div)
m
Time(500 s/div)
m
Input
Output
OPA369
OPA2369
SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008 ............................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, and RL = 100kΩ connected to VS/2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
CHANNEL SEPARATION vs FREQUENCY
vs CAPACITIVE LOAD
Figure 19.
Figure 20.
SMALL-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE
Figure 21.
Figure 22.
OVERLOAD RECOVERY
Figure 23.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA369 OPA2369


Similar Part No. - OPA369AIDCKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA369AIDCKT BURR-BROWN-OPA369AIDCKT Datasheet
665Kb / 20P
   1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA369AIDCKT TI-OPA369AIDCKT Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA369AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA369 BURR-BROWN-OPA369 Datasheet
665Kb / 20P
   1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com