Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63020DSJ Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS63020DSJ
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63020DSJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS63020DSJ Datasheet HTML 6Page - Texas Instruments TPS63020DSJ Datasheet HTML 7Page - Texas Instruments TPS63020DSJ Datasheet HTML 8Page - Texas Instruments TPS63020DSJ Datasheet HTML 9Page - Texas Instruments TPS63020DSJ Datasheet HTML 10Page - Texas Instruments TPS63020DSJ Datasheet HTML 11Page - Texas Instruments TPS63020DSJ Datasheet HTML 12Page - Texas Instruments TPS63020DSJ Datasheet HTML 13Page - Texas Instruments TPS63020DSJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Output Current (A)
2.4
2.45
2.5
2.55
2.6
100µ
1m
10m
100m
1
5
TPS63020, Power Save Disabled
VIN = 3.6V
Output Current (A)
4.4
4.45
4.5
4.55
4.6
100µ
1m
10m
100m
1
5
TPS63020, Power Save Disabled
VIN = 3.6V
V
= 2.4 V, I
= 500 mA to 1500 mA
IN
OUT
Time 2 ms/div
TPS63021
Output Voltage
50 mV/div, AC
Output Current
500 mA/div, DC
Output Current (A)
3.2
3.25
3.3
3.35
3.4
100µ
1m
10m
100m
1
5
TPS63021, Power Save Disabled
VIN = 3.6V
TPS63020
TPS63021
SLVS916 – APRIL 2010
www.ti.com
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 13.
Figure 14.
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
LOAD TRANSIENT RESPONSE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS63020 TPS63021


Similar Part No. - TPS63020DSJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63020DSJR TI-TPS63020DSJR Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020DSJT TI-TPS63020DSJT Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results

Similar Description - TPS63020DSJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
logo
Texas Instruments
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
logo
Monolithic Power System...
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com