Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65181RGZT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65181RGZT
Description  PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65181RGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65181RGZT Datasheet HTML 4Page - Texas Instruments TPS65181RGZT Datasheet HTML 5Page - Texas Instruments TPS65181RGZT Datasheet HTML 6Page - Texas Instruments TPS65181RGZT Datasheet HTML 7Page - Texas Instruments TPS65181RGZT Datasheet HTML 8Page - Texas Instruments TPS65181RGZT Datasheet HTML 9Page - Texas Instruments TPS65181RGZT Datasheet HTML 10Page - Texas Instruments TPS65181RGZT Datasheet HTML 11Page - Texas Instruments TPS65181RGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TPS65180, TPS65181
SLVSA76D – MARCH 2010 – REVISED JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.7 V, TA = –10°C to 85ºC, Typical values are at TA = 25ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback voltage
-1
V
VFB
Accuracy
-3
3
%
VEE_OUT
Output voltage range
VSET = –20 V, ILOAD = 3 mA
-21
-20
-19
V
ILOAD
Load current range
12
mA
fSW
Switching frequency
560
KHz
CD
Recommended driver capacitor
10
nF
CO
Recommended output capacitor
4.7
µF
THERMISTOR MONITOR(1)
ATMS
Temperature to voltage ratio
Not tested in production
-0.0158
V/°C
OffsetTMS
Offset
Temperature = 0°C
1.575
V
VTMS_HOT
Temp hot trip voltage (T = 50°C)
TEMP_HOT_SET = 0x8C
0.768
V
Temp hot escape voltage (T =
VTMS_COOL
TEMP_COOL_SET = 0x82
0.845
V
45°C)
VTMS_MAX
Maximum input level
2.25
V
RNTC_PU
Internal pull up resistor
7.307
K
Ω
RLINEAR
External linearization resistor
43
K
Ω
ADCRES
ADC resolution
Not tested in production, 1 bit
8.75
mV
ADCDEL
ADC conversion time
Not tested in production
19
µs
TMSTTOL
Accuracy
Not tested in production
-2
2
LSB
LOGIC LEVELS AND TIMING CHARTERISTICS (SCL, SDA, nINT, PWR_GOOD, PWRx, WAKEUP)
IO = 3 mA, sink current
VOL
Output low threshold level
0.4
V
(SDA, nINT, PWR_GOOD)
VIL
Input low threshold level
0.4
V
VIH
Input high threshold level
1.2
V
I(bias)
Input bias current
VIO = 1.8 V
1
µA
tlow,WAKEUP
WAKEUP low time
minimum low time for WAKEUP pin
150
ms
fSCL
SCL clock frequency
400
KHz
OSCILLATOR
fOSC
Oscillator frequency
9
MHz
Frequency accuracy
TA = –40°C to 85°C
-10
10
%
THERMAL SHUTDOWN
TSHTDWN
Thermal trip point
150
°C
Thermal hysteresis
20
°C
(1)
10-k
Ω Murata NCP18XH103F03RB thermistor (1%) in parallel with a linearization resistor (43kΩ, 1%) are used at TS pin for panel
temperature measurement.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65180 TPS65181


Similar Part No. - TPS65181RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181RGZT TI1-TPS65181RGZT Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65181RGZT TI1-TPS65181RGZT Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65181RGZT TI1-TPS65181RGZT Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
More results

Similar Description - TPS65181RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com